Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM148J/883 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM148J/883
Description  Quad 741 Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM148J/883 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM148J/883 Datasheet HTML 8Page - National Semiconductor (TI) LM148J/883 Datasheet HTML 9Page - National Semiconductor (TI) LM148J/883 Datasheet HTML 10Page - National Semiconductor (TI) LM148J/883 Datasheet HTML 11Page - National Semiconductor (TI) LM148J/883 Datasheet HTML 12Page - National Semiconductor (TI) LM148J/883 Datasheet HTML 13Page - National Semiconductor (TI) LM148J/883 Datasheet HTML 14Page - National Semiconductor (TI) LM148J/883 Datasheet HTML 15Page - National Semiconductor (TI) LM148J/883 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Typical Applications—LM148 (Continued)
A 1 kHz 4 Pole Butterworth
20120512
Use general equations, and tune each section separately
Q1stSECTION = 0.541, Q2ndSECTION = 1.306
The response should have 0 dB peaking
A 3 Amplifier Bi-Quad Notch Filter
20120513
Ex: fNOTCH = 3 kHz, Q = 5, R1 = 270k, R2 = R3 = 20k, R4 = 27k, R5 = 20k, R6 = R8 = 10k, R7 = 100k, C1 = C2 = 0.001 µF
Better noise performance than the state-space approach.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com