Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM148J/883 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM148J/883
Description  Quad 741 Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM148J/883 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM148J/883 Datasheet HTML 1Page - National Semiconductor (TI) LM148J/883 Datasheet HTML 2Page - National Semiconductor (TI) LM148J/883 Datasheet HTML 3Page - National Semiconductor (TI) LM148J/883 Datasheet HTML 4Page - National Semiconductor (TI) LM148J/883 Datasheet HTML 5Page - National Semiconductor (TI) LM148J/883 Datasheet HTML 6Page - National Semiconductor (TI) LM148J/883 Datasheet HTML 7Page - National Semiconductor (TI) LM148J/883 Datasheet HTML 8Page - National Semiconductor (TI) LM148J/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM148QML
Quad 741 Op Amps
General Description
The LM148 is a true quad LM741. It consists of four inde-
pendent, high gain, internally compensated, low power op-
erational amplifiers which have been designed to provide
functional characteristics identical to those of the familiar
LM741 operational amplifier. In addition the total supply
current for all four amplifiers is comparable to the supply
current of a single LM741 type op amp. Other features
include input offset currents and input bias current which are
much less than those of a standard LM741. Also, excellent
isolation between amplifiers has been achieved by indepen-
dently biasing each amplifier and using layout techniques
which minimize thermal coupling.
The LM148 can be used anywhere multiple LM741 or
LM1558 type amplifiers are being used and in applications
where amplifier matching or high packing density is required.
Features
n
741 op amp operating characteristics
n
Class AB output stage — no crossover distortion
n
Pin compatible with the LM124
n
Overload protection for inputs and outputs
n
Low supply current drain:
0.6 mA/Amplifier
n
Low input offset voltage:
1 mV
n
Low input offset current:
4 nA
n
Low input bias current
30 nA
n
High degree of isolation between amplifiers:
120 dB
n
Gain bandwidth product (unity gain):
1.0 MHz
Ordering Information
NS PART NUMBER
SMD PART NUMBER
NS PACKAGE NUMBER
PACKAGE DESCRIPTION
LM148E/883
E20A
20LD LEADLESS CHIP CARRIER
LM148J/883
J14A
14LD CERDIP
Connection Diagrams
20120502
Top View
See NS Package Number J14A
February 2005
© 2005 National Semiconductor Corporation
DS201205
www.national.com


Similar Part No. - LM148J/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM148J/883 NSC-LM148J/883 Datasheet
388Kb / 15P
Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
logo
Texas Instruments
LM148J/883 TI1-LM148J/883 Datasheet
710Kb / 20P
Quad 741 Op Amps
More results

Similar Description - LM148J/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM148 NSC-LM148 Datasheet
388Kb / 15P
Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MXL1013 MAXIM-MXL1013 Datasheet
160Kb / 8P
Dual/Quad Precision Op Amps
logo
National Semiconductor ...
LM148JAN NSC-LM148JAN Datasheet
806Kb / 18P
Quad 741 Op Amps
logo
Texas Instruments
LM148-N TI1-LM148-N Datasheet
425Kb / 17P
LM148/LM248/LM348 Quad 741 Op Amps
LM348N-NOPB TI1-LM348N-NOPB Datasheet
1Mb / 22P
Quad 741 Op Amps
LM348-N TI-LM348-N Datasheet
1Mb / 22P
LM148/LM248/LM348 Quad 741 Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
Single/Quad/Dual Op Amps
Rev 5; 1/14
logo
Texas Instruments
LM148JAN TI1-LM148JAN Datasheet
710Kb / 21P
Quad 741 Op Amps
LM148QML TI1-LM148QML Datasheet
710Kb / 20P
Quad 741 Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com