Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 13 Page - Actel Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030 Datasheet(HTML) 13 Page - Actel Corporation

Back Button AGLP030_V01 Datasheet HTML 9Page - Actel Corporation AGLP030_V01 Datasheet HTML 10Page - Actel Corporation AGLP030_V01 Datasheet HTML 11Page - Actel Corporation AGLP030_V01 Datasheet HTML 12Page - Actel Corporation AGLP030_V01 Datasheet HTML 13Page - Actel Corporation AGLP030_V01 Datasheet HTML 14Page - Actel Corporation AGLP030_V01 Datasheet HTML 15Page - Actel Corporation AGLP030_V01 Datasheet HTML 16Page - Actel Corporation AGLP030_V01 Datasheet HTML 17Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
IGLOO PLUS Low Power Flash FPGAs
Re vi s i on 11
1-7
I/Os with Advanced I/O Standards
The IGLOO PLUS family of FPGAs features a flexible I/O structure, supporting a range of voltages (1.2
V, 1.5 V, 1.8 V, 2.5 V, 3.0 V wide range, and 3.3 V). IGLOO PLUS FPGAs support many different I/O
standards.
The I/Os are organized into four banks. All devices in IGLOO PLUS have four banks. The configuration
of these banks determines the I/O standards supported.
Each I/O module contains several input, output, and output enable registers.
Hot-swap (also called hot-plug, or hot-insertion) is the operation of hot-insertion or hot-removal of a card
in a powered-up system.
Cold-sparing (also called cold-swap) refers to the ability of a device to leave system data undisturbed
when the system is powered up, while the component itself is powered down, or when power supplies
are floating.
Wide Range I/O Support
Actel IGLOO PLUS devices support JEDEC-defined wide range I/O operation. IGLOO PLUS devices
support both the JESD8-B specification, covering 3 V and 3.3 V supplies, for an effective operating range
of 2.7 V to 3.6 V, and JESD8-12 with its 1.2 V nominal, supporting an effective operating range of 1.14 V
to 1.575 V.
Wider I/O range means designers can eliminate power supplies or power conditioning components from
the board or move to less costly components with greater tolerances. Wide range eases I/O bank
management and provides enhanced protection from system voltage spikes, while providing the flexibility
to easily run custom voltage applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com