Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 39 Page - Actel Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030 Datasheet(HTML) 39 Page - Actel Corporation

Back Button AGLP030_V01 Datasheet HTML 35Page - Actel Corporation AGLP030_V01 Datasheet HTML 36Page - Actel Corporation AGLP030_V01 Datasheet HTML 37Page - Actel Corporation AGLP030_V01 Datasheet HTML 38Page - Actel Corporation AGLP030_V01 Datasheet HTML 39Page - Actel Corporation AGLP030_V01 Datasheet HTML 40Page - Actel Corporation AGLP030_V01 Datasheet HTML 41Page - Actel Corporation AGLP030_V01 Datasheet HTML 42Page - Actel Corporation AGLP030_V01 Datasheet HTML 43Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
IGLOO PLUS Low Power Flash FPGAs
Re vi s i on 11
2 - 25
Table 2-29 • I/O Weak Pull-Up/Pull-Down Resistances
Minimum and Maximum Weak Pull-Up/Pull-Down Resistance Values
VCCI
R(WEAK PULL-UP)
1
(
Ω)
R(WEAK PULL-DOWN)
2
(
Ω)
Min.
Max.
Min.
Max.
3.3 V
10 K
45 K
10 K
45 K
3.3 V (wide range I/Os)
10 K
45 K
10 K
45 K
2.5 V
11 K
55 K
12 K
74 K
1.8 V
18 K
70 K
17 K
110 K
1.5 V
19 K
90 K
19 K
140 K
1.2 V
25 K
110 K
25 K
150 K
1.2 V (wide range I/Os)
19 K
110 K
19 K
150 K
Notes:
1. R(WEAK PULL-UP-MAX) = (VCCImax – VOHspec) / I(WEAK PULL-UP-MIN)
2. R(WEAK PULLDOWN-MAX) = (VOLspec) / I(WEAK PULLDOWN-MIN)
Table 2-30 • I/O Short Currents IOSH/IOSL
Drive Strength
IOSL (mA)*
IOSH (mA)*
3.3 V LVTTL / 3.3 V LVCMOS
2 mA
27
25
4 mA
27
25
6 mA
54
51
8 mA
54
51
12 mA
109
103
16 mA
109
103
3.3 V LVCMOS Wide Range
100 µA
Same as equivalent software default drive
2.5 V LVCMOS
2 mA
18
16
4 mA
18
16
6 mA
37
32
8 mA
37
32
12 mA
74
65
1.8 V LVCMOS
2 mA
11
9
4 mA
22
17
6 mA
44
35
8 mA
44
35
1.5 V LVCMOS
2 mA
16
13
4 mA
33
25
1.2 V LVCMOS
2 mA
26
20
1.2 V LVCMOS Wide Range
100 µA
26
20
* TJ = 100°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com