Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA10046HT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA10046HT
Description  Single-chip DVB-T channel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10046HT Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA10046HT Datasheet HTML 1Page - NXP Semiconductors TDA10046HT Datasheet HTML 2Page - NXP Semiconductors TDA10046HT Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TDA10046HT
Single-chip DVB-T channel
decoder
Delivering a low cost system solution for DVB-T channel
decoding, the TDA10046HT single chip channel decoder
demonstrates Philips Semiconductors’ continuing leader-
ship in digital broadcast reception, offering advanced features
such as adaptive echo cancellation, fast channel scanning and
a unique ‘Pulse Killer’ algorithm that reduces impulsive noise
disturbances.
S e m i c o n d u c t o r s
The TDA10046HT performs all DVB-T channel decoding functions
from IF input to transport stream output, using an internal DSP core for
synchronization and control.Thanks to its sharp adjacent channel digital
ilter, this single-chip receiver achieves excellent performance with low
cost tuners (one SAW only). It requires only a low cost crystal oscillator
(4 MHz) as a clock source, which can be shared with the tuner.
After
sampling of the 1st or 2nd IF by a 10-bit ADC, the signal is converted to
baseband and passes through the FFT demodulator. Channel frequency
response is then estimated and iltered in both time and frequency
domains, and used to equalize the signal.
A common phase error
correction handles tuner phase noise.
The TDA10046HT implements a number of advanced features including a
high-performance ‘Pulse Killer’ algorithm to reduce the disturbing effects
Key features
of short and strong impulsive noise interference caused by electrical
domestic devices and/or car trafic. For maximum ease of use, the
• 2K and 8K COFDM demodulator, fully ETS 300-744 compliant
2
TDA10046HT features fully automatic transmission parameters detection,
• TPS and Cell Identiier I
C-bus readable
ultra fast scan of the whole UHF/VHF band, and fast zapping facilities.
• 2nd or 1st IF analog input
• On chip 10-bit ADC and PLL
Evaluation boards are available with most commercial tuners.They are
• Single or dual AGC loop (with programmable takeover point)
provided with all the necessary software including a tailored Graphical
• Adjacent channel digital iltering (only one external SAW ilter is required)
User Interface (GUI) that allows easy evaluation and development.
• Automatic frequency offset detection (±1, 2 or 3 standard offsets)
• Dynamic FFT window positioning, and adaptive echo equalization
• Consolidated algorithm for impulsive noise reduction
• DSP based synchronization enables on the ly irmware upgrades
• No extra-host software required
• Fast UHF/VHF band scanning
• Simultaneous tri-state parallel and serial Transport Stream interfaces
• 4 GPIO pins with ∑
modulator
Applications
• I
2C-bus interface
• Integrated Digital TV (iDTV)
• 5V tolerant I/O pins
• Set-Top-Boxes (STB)
• Low power consumption (450mW)
• Personal Video Recorder (PVR) with DVB-T reception
• TQFP64 package, CMOS 0.18 µm technology
• Digital TV PCI card for Personal Computers


Similar Part No. - TDA10046HT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA10045 PHILIPS-TDA10045 Datasheet
94Kb / 20P
DVB-T channel receiver
2001 Nov 08
TDA10045H PHILIPS-TDA10045H Datasheet
94Kb / 20P
DVB-T channel receiver
2001 Nov 08
More results

Similar Description - TDA10046HT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA10045H PHILIPS-TDA10045H Datasheet
94Kb / 20P
DVB-T channel receiver
2001 Nov 08
TDA10085HT PHILIPS-TDA10085HT Datasheet
93Kb / 16P
Single chip DVB-S/DSS channel receiver
2001 Aug 31
logo
Motorola, Inc
MC92314 MOTOROLA-MC92314 Datasheet
691Kb / 100P
DVB-T Single Chip Demodulator Application Note
logo
STMicroelectronics
STV0362 STMICROELECTRONICS-STV0362 Datasheet
77Kb / 3P
Low-power and ultra compact DVB-T single chip receiver DVB-H broadcast compliant
10-Mar-2006
logo
Zarlink Semiconductor I...
ZL10310 ZARLINK-ZL10310 Datasheet
351Kb / 40P
Digital Television DVB-T-On-a-Chip Processor
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
DVB-T Demodulator
logo
Silicon Laboratories
SI2165 SILABS-SI2165 Datasheet
80Kb / 2P
Multi-Standard DVB-T and DVB-C Demodulator
logo
List of Unclassifed Man...
VES1820X ETC1-VES1820X Datasheet
106Kb / 12P
SINGLE CHIP DVB-C CHANNEL RECEIVER
rev 2.0
VES9600 ETC1-VES9600 Datasheet
100Kb / 11P
SINGLE CHIP DVB-T CHANNEL RECEIVER
Rev1.2
logo
Skyworks Solutions Inc.
SI2165 SKYWORKS-SI2165 Datasheet
189Kb / 2P
Multi-Standard DVB-T and DVB-C Demodulator
August 11, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com