Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAPSF-M-R Datasheet(PDF) 3 Page - Silicom Ltd.

Part # TAPSF-M-R
Description  10 /1 Gigabit (MM) Fiber TAP Stand Alone Unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

TAPSF-M-R Datasheet(HTML) 3 Page - Silicom Ltd.

  TAPSF-M-R Datasheet HTML 1Page - Silicom Ltd. TAPSF-M-R Datasheet HTML 2Page - Silicom Ltd. TAPSF-M-R Datasheet HTML 3Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Silicom Ltd. Connectivity Solutions
Page
3
Order Information
P/N
Description
Notes
TAPSF-M-R
10 /1 Gigabit (MM) Fiber TAP Stand Alone Unit
50uM, Fiber core, splitter ratio 70/30
TAPSF-M-64-R
10 /1 Gigabit (MM) Fiber TAP
Stand Alone Unit
50uM, Fiber core, splitter ratio 60/40
TAPSF-M-55
10 /1 Gigabit (MM) Fiber TAP
Stand Alone Unit
50uM, Fiber core, splitter ratio 50/50
RK-1U-3-PBSS
Rack mount frame for Silicom stand alone units
Optional for 19” / 1U frame mount
Note: Model P/N /-RoHS
-RoHS: RoHS Compliant / Lead free adapter.
1V2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com