Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAPSF-M-R Datasheet(PDF) 1 Page - Silicom Ltd.

Part # TAPSF-M-R
Description  10 /1 Gigabit (MM) Fiber TAP Stand Alone Unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

TAPSF-M-R Datasheet(HTML) 1 Page - Silicom Ltd.

  TAPSF-M-R Datasheet HTML 1Page - Silicom Ltd. TAPSF-M-R Datasheet HTML 2Page - Silicom Ltd. TAPSF-M-R Datasheet HTML 3Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicom Ltd. Connectivity Solutions
Page
1
TAPSF-M
10 /1 Gigabit (MM) Fiber TAP Stand Alone Unit
Product Description
The Silicom TAPSF is external passive TAP for 10 /1 fiber Gigabit
Ethernet networks.
The Silicom TAPSF captures both sides of the Network links and
transmits a copy on to the monitor port, this feature enables full duplex
monitoring of all packets transmitted between the Network ports.
The Silicom TAPSF does not require power; The Silicom TAPSF can be
optionally installed in a rack mount frame.
Key Features
Supports Fiber Gigabit Ethernet (1000Base-SX)
Supports Short Range Fiber 10 Gigabit Ethernet (10GBase-SR)
Passive TAP enables full duplex monitoring for 10 /1 fiber Gigabit Ethernet networks
Transparent to the network
Does not require power
No IP address is needed
Optional 19-inch rack frame holds up to 3 taps
Technical Specifications
Fiber Ethernet General Technical Specifications:
IEEE Standard / Network
topology:
Fiber 10Gigabit Ethernet, 10Base-SR (850nM)
Fiber Gigabit Ethernet, 1000Base-SX (850nM)
Fiber core:
Multimode fiber: 50uM
Insertion loss ratio:
-70/30:
70%
– Network ports to Monitor port


Similar Part No. - TAPSF-M-R

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
TAPSF-100G SILICOM-TAPSF-100G Datasheet
759Kb / 3P
external passive TAP Gigabit Ethernet network
TAPSF-100G-LR4-64 SILICOM-TAPSF-100G-LR4-64 Datasheet
759Kb / 3P
external passive TAP Gigabit Ethernet network
TAPSF-100G-QS10-55 SILICOM-TAPSF-100G-QS10-55 Datasheet
759Kb / 3P
external passive TAP Gigabit Ethernet network
TAPSF-100G-QS4-55 SILICOM-TAPSF-100G-QS4-55 Datasheet
759Kb / 3P
external passive TAP Gigabit Ethernet network
TAPSF-S SILICOM-TAPSF-S Datasheet
376Kb / 3P
10 /1 Gigabit (SM) Fiber TAP Stand Alone Unit
More results

Similar Description - TAPSF-M-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
Stand-alone OSD
1995 Nov 27
PCA8515 PHILIPS-PCA8515 Datasheet
405Kb / 64P
Stand-alone OSD
1995 Jan 19
PCA8516 PHILIPS-PCA8516 Datasheet
403Kb / 64P
Stand-alone OSD
1995 Mar 30
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
STAND-ALONE MICROSEQUENCER
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
Stand Alone Inclinometer
logo
ATMEL Corporation
AT89STK-11 ATMEL-AT89STK-11 Datasheet
874Kb / 23P
Stand-alone Board
logo
Silicom Ltd.
PBSST SILICOM-PBSST Datasheet
418Kb / 3P
Gigabit Copper Bypass Switch Stand Alone Unit
PBSSF-S-R SILICOM-PBSSF-S-R Datasheet
421Kb / 4P
10 /1 Gigabit (SM) Fiber Bypass Switch Stand Alone Unit
PBSSF-M50 SILICOM-PBSSF-M50 Datasheet
442Kb / 4P
10 /1 Gigabit (MM) Fiber Bypass Switch Stand Alone Unit
TAPSF-S SILICOM-TAPSF-S Datasheet
376Kb / 3P
10 /1 Gigabit (SM) Fiber TAP Stand Alone Unit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com