Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8502SDO2V02S Datasheet(PDF) 2 Page - Schneider Electric

Part # 8502SDO2V02S
Description  NEMA Contactor, Type S, nonreversing, Size 2, 45A, 25 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8502SDO2V02S Datasheet(HTML) 2 Page - Schneider Electric

  8502SDO2V02S Datasheet HTML 1Page - Schneider Electric 8502SDO2V02S Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEMA Size
2
Height
5.13 in (130.30 mm)
Depth
4.94 in (125.48 mm)
Width
4.31 in (109.47 mm)
Ordering and shipping details
Category
21192 - 8502,36 SC,SD(NOT S*R,T,W)
Discount Schedule
CP1
GTIN
00785901881612
Nbr. of units in pkg.
1
Package weight(Lbs)
5.72 lb(US) (2.59 kg)
Returnability
Yes
Country of origin
MX
Packing Units
Package 1 Height
6.90 in (17.526 cm)
Package 1 width
6.60 in (16.764 cm)
Package 1 Length
9.40 in (23.876 cm)
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which
is known to the State of California to cause cancer and birth defects or other reproductive harm. For
more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Not compliant
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Contractual warranty
Warranty
18 months
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com