Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8502SDO2V02S Datasheet(PDF) 1 Page - Schneider Electric

Part # 8502SDO2V02S
Description  NEMA Contactor, Type S, nonreversing, Size 2, 45A, 25 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8502SDO2V02S Datasheet(HTML) 1 Page - Schneider Electric

  8502SDO2V02S Datasheet HTML 1Page - Schneider Electric 8502SDO2V02S Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
8502SDO2V02S
NEMA Contactor, Type S, nonreversing, Size 2,
45A, 25 HP at 575 VAC, 3 phase, up to 100 kA, 3
pole, 120 VAC coil, open
Product availability : Stock - Normally stocked in distribution facility
Price* : 882.00 USD
Main
Product Type
Contactor
Type
8502S
Control Circuit Type
Separate control circuit
Control Circuit Voltage
120 V AC 60 Hz
110 V AC 50 Hz
Contactor Type
Non-reversing
Current Rating
45 A
Number of Poles
3P
Phase
3 phase
Horsepower Rating
10 HP 200 V AC
15 HP 230 V AC
25 HP 460 V AC
25 HP 575 V AC
Maximum Voltage Rating
600 V AC
SCCR
Circuit-breaker 100 A maximum, SCCR: 100 kA at 480 V AC
Fuse J 100 A maximum, SCCR: 100 kA at 600 V AC
Fuse T 100 A maximum, SCCR: 100 kA at 600 V AC
Fuse RK1 100 A maximum, SCCR: 100 kA at 600 V AC
Fuse RK5 100 A maximum, SCCR: 100 kA at 600 V AC
Control Units
No control units
Pilot Light
No indicator
Auxiliary Contacts
Without
Control Circuit Fusing
Fuse not supplied
Electrical Connection
Screw clamp terminals
Enclosure Type
Not rated (open device)
Certifications
UL listed file E78351 CCN NLDX
CSA
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Dec 11, 2020
1


Similar Part No. - 8502SDO2V02S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8502SDO2V02S SCHNEIDER-8502SDO2V02S Datasheet
149Kb / 3P
NEMA Contactor, Type S, nonreversing, Size 2, 45A, 25 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
May 13, 2022
8502SDO2V02SX01 SCHNEIDER-8502SDO2V02SX01 Datasheet
157Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 2, 45A, 25 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
Dec 11, 2020
8502SDO2V02SX01 SCHNEIDER-8502SDO2V02SX01 Datasheet
166Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 2, 45A, 25 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
May 16, 2022
8502SDO2V02SX01 SCHNEIDER-8502SDO2V02SX01_V01 Datasheet
166Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 2, 45A, 25 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
May 16, 2022
8502SDO2V02SX10 SCHNEIDER-8502SDO2V02SX10 Datasheet
158Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 2, 45A, 25 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
Dec 11, 2020
More results

Similar Description - 8502SDO2V02S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8502SDO2V02SX01 SCHNEIDER-8502SDO2V02SX01 Datasheet
157Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 2, 45A, 25 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
Dec 11, 2020
8502SDO2V02SX10 SCHNEIDER-8502SDO2V02SX10 Datasheet
158Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 2, 45A, 25 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
Dec 11, 2020
8502SDO2V02SX11 SCHNEIDER-8502SDO2V02SX11 Datasheet
166Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 2, 45A, 25 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
Dec 11, 2020
8502SDO2V02SX20 SCHNEIDER-8502SDO2V02SX20 Datasheet
57Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 2, 45A, 25 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
Dec 11, 2020
8502SDO2V02SY437 SCHNEIDER-8502SDO2V02SY437 Datasheet
57Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 2, 45A, 25 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
Dec 11, 2020
8502SDO3V02S SCHNEIDER-8502SDO3V02S Datasheet
166Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 2, 45A, 25 HP at 575 VAC, 3 phase, up to 100 kA, 4 pole, 120 VAC coil, open
Dec 11, 2020
8502SDO2V02S SCHNEIDER-8502SDO2V02S_V01 Datasheet
149Kb / 3P
NEMA Contactor, Type S, nonreversing, Size 2, 45A, 25 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
May 13, 2022
8502SDO2V02SX01 SCHNEIDER-8502SDO2V02SX01_V01 Datasheet
166Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 2, 45A, 25 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
May 16, 2022
8502SDO2V02SX10 SCHNEIDER-8502SDO2V02SX10_V01 Datasheet
168Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 2, 45A, 25 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
May 16, 2022
8502SDO2V02SX11 SCHNEIDER-8502SDO2V02SX11_V01 Datasheet
176Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 2, 45A, 25 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
May 16, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com