Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-7828-R-24-HV Datasheet(PDF) 3 Page - Moxa Inc.

Part # PT-7828-R-24-HV
Description  Gigabit modular managed rackmount Ethernet switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

PT-7828-R-24-HV Datasheet(HTML) 3 Page - Moxa Inc.

  PT-7828-R-24-HV Datasheet HTML 1Page - Moxa Inc. PT-7828-R-24-HV Datasheet HTML 2Page - Moxa Inc. PT-7828-R-24-HV Datasheet HTML 3Page - Moxa Inc. PT-7828-R-24-HV Datasheet HTML 4Page - Moxa Inc. PT-7828-R-24-HV Datasheet HTML 5Page - Moxa Inc. PT-7828-R-24-HV Datasheet HTML 6Page - Moxa Inc. PT-7828-R-24-HV Datasheet HTML 7Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.moxa.com
3
Power Parameters
Connection
10-pin terminal block
Input Voltage
-24-24/-48-48/-HV-HV/-24-HV/-48-HV models: Redundant power modules
PT-7828-24 Series: 24 VDC (18 to 36 VDC)
PT-7828-48 Series: 48 VDC (36 to 72 VDC)
PT-7828-HV Series: 110/220 VAC/VDC (85 to 264 VAC, 88 to 300 VDC)
Overload Current Protection
Supported
Reverse Polarity Protection
Supported
Input Current
PT-7828-24 Series: 2.38 A @ 24 VDC
PT-7828-48 Series: 1.12 A @ 48 VDC
PT-7828-HV Series: 0.49/0.26 A @ 110/220 VAC, 0.59/0.30 A @ 110/220 VDC
Physical Characteristics
Housing
Aluminum
IP Rating
IP30
Dimensions (without ears)
440 x 44 x 325 mm (17.32 x 1.73 x 12.80 in)
Weight
5900 g (13.11 lb)
Installation
19-inch rack mounting
Environmental Limits
Operating Temperature
-40 to 85°C (-40 to 185°F)
Note: Cold start requires minimum of 100 VAC @ -40°C
Storage Temperature (package included)
-40 to 85°C (-40 to 185°F)
Ambient Relative Humidity
5 to 95% (non-condensing)
Standards and Certifications
Safety
UL 60950-1
EMI
EN 55032 Class A, CISPR 32, FCC Part 15B Class A
EMS
IEC 61000-4-2 ESD: Contact: 8 kV; Air: 15 kV
IEC 61000-4-3 RS: 80 MHz to 1 GHz: 35 V/m
IEC 61000-4-4 EFT: Power: 4 kV; Signal: 4 kV
IEC 61000-4-5 Surge: Power: 4 kV; Signal: 4 kV
IEC 61000-4-6 CS: 10 V
IEC 61000-4-8 PFMF
IEC 61000-4-11 DIPs
Power Substation
IEC 61850-3, IEEE 1613
Railway
EN 50121-4, EN 50155 (complies with a portion of EN 50155 specifications)
Traffic Control
NEMA TS2
MTBF
Time
393,828 hrs
Standards
Telcordia SR332
Warranty
Warranty Period
5 years
Details
See www.moxa.com/warranty



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com