Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-7828-R-24-HV Datasheet(PDF) 7 Page - Moxa Inc.

Part # PT-7828-R-24-HV
Description  Gigabit modular managed rackmount Ethernet switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

PT-7828-R-24-HV Datasheet(HTML) 7 Page - Moxa Inc.

  PT-7828-R-24-HV Datasheet HTML 1Page - Moxa Inc. PT-7828-R-24-HV Datasheet HTML 2Page - Moxa Inc. PT-7828-R-24-HV Datasheet HTML 3Page - Moxa Inc. PT-7828-R-24-HV Datasheet HTML 4Page - Moxa Inc. PT-7828-R-24-HV Datasheet HTML 5Page - Moxa Inc. PT-7828-R-24-HV Datasheet HTML 6Page - Moxa Inc. PT-7828-R-24-HV Datasheet HTML 7Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.moxa.com
7
SFP-1GLHLC
SFP module with 1 1000BaseLH port with LC connector for 30 km transmission, 0 to 60°C operating
temperature
SFP-1GLHLC-T
SFP module with 1 1000BaseLH port with LC connector for 30 km transmission, -40 to 85°C operating
temperature
SFP-1GLHXLC
SFP module with 1 1000BaseLHX port with LC connector for 40 km transmission, 0 to 60°C operating
temperature
SFP-1GLHXLC-T
SFP module with 1 1000BaseLHX port with LC connector for 40 km transmission, -40 to 85°C
operating temperature
SFP-1GLSXLC
SFP module with 1 1000BaseLSX port with LC connector for 500 m transmission, 0 to 60°C operating
temperature
SFP-1GLSXLC-T
SFP module with 1 1000BaseLSX port with LC connector for 500 m transmission, -40 to 85°C
operating temperature
SFP-1GLXLC
SFP module with 1 1000BaseLX port with LC connector for 10 km transmission, 0 to 60°C operating
temperature
SFP-1GLXLC-T
SFP module with 1 1000BaseLX port with LC connector for 10 km transmission, -40 to 85°C operating
temperature
SFP-1GSXLC
SFP module with 1 1000BaseSX port with LC connector for 300/550 m transmission, 0 to 60°C
operating temperature
SFP-1GSXLC-T
SFP module with 1 1000BaseSX port with LC connector for 300/550 m transmission, -40 to 85°C
operating temperature
SFP-1GZXLC
SFP module with 1 1000BaseZX port with LC connector for 80 km transmission, 0 to 60°C operating
temperature
SFP-1GZXLC-T
SFP module with 1 1000BaseZX port with LC connector for 80 km transmission, -40 to 85°C operating
temperature
© Moxa Inc. All rights reserved. Updated Mar 18, 2020.
This document and any portion thereof may not be reproduced or used in any manner whatsoever without the express written permission of
Moxa Inc. Product specifications subject to change without notice. Visit our website for the most up-to-date product information.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com