Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Delay Block/ Debouncer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 7Page - Analog Devices LTC6906 Datasheet HTML 8Page - Analog Devices LTC6906 Datasheet HTML 9Page - Analog Devices LTC6906 Datasheet HTML 10Page - Analog Devices LTC6906 Datasheet HTML 11Page - Analog Devices LTC6906 Datasheet HTML 12Page - Analog Devices LTC6906 Datasheet HTML 13Page - Analog Devices LTC6906 Datasheet HTML 14Page - Analog Devices LTC6906 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC6994-1/LTC6994-2
11
Rev. C
For more information www.analog.com
BLOCK DIAGRAM (S6 package pin numbers shown)
699412 BD
PROGRAMMABLE DIVIDER
÷1, 8, 64, 512, 4096,
215, 218, 221
MASTER OSCILLATOR
POR
DIGITAL
FILTER
4-BIT A/D
CONVERTER
POL
R1
R2
DIV
V+
OUT
5
4
IN
1
6
HALT OSCILLATOR
IF ISET < 500nA
MCLK
+
–
ISET
ISET
VSET = 1V
+ –
1V
3
22
GND
SET
RSET
INPUT
BUFFER
tMASTER =
•
1µs
50k
VSET
ISET
OUTPUT
POLARITY
(LTC6994-2)
EDGE-
CONTROLLED
DELAY
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com