Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Delay Block/ Debouncer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 20Page - Analog Devices LTC6906 Datasheet HTML 21Page - Analog Devices LTC6906 Datasheet HTML 22Page - Analog Devices LTC6906 Datasheet HTML 23Page - Analog Devices LTC6906 Datasheet HTML 24Page - Analog Devices LTC6906 Datasheet HTML 25Page - Analog Devices LTC6906 Datasheet HTML 26Page - Analog Devices LTC6906 Datasheet HTML 27Page - Analog Devices LTC6906 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC6994-1/LTC6994-2
28
Rev. C
www.analog.com
ANALOG DEVICES, INC. 2010–2019
11/19
For more information www.analog.com
Press-and-Hold (0.3s to 4s) Delay Timer
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1799
1MHz to 33MHz ThinSOT Silicon Oscillator
Wide Frequency Range
LTC6900
1MHz to 20MHz ThinSOT Silicon Oscillator
Low Power, Wide Frequency Range
LTC6906/LTC6907
10kHz to 1MHz or 40kHz ThinSOT Silicon Oscillator
Micropower, ISUPPLY = 35µA at 400kHz
LTC6930
Fixed Frequency Oscillator, 32.768kHz to 8.192MHz
0.09% Accuracy, 110µs Start-Up Time, 105µA at 32kHz
LTC6990
TimerBlox: Voltage-Controlled Silicon Oscillator
Fixed-Frequency or Voltage-Controlled Operation
LTC6991
TimerBlox: Resettable Low Frequency Oscillator
Clock Periods up to 9.5 hours
LTC6992
TimerBlox: Voltage-Controlled Pulse Width Modulator (PWM)
Simple PWM with Wide Frequency Range
LTC6993
TimerBlox: Monostable Pulse Generator (One-Shot)
Resistor-Programmable Pulse Width of 1µs to 34s
LTC6994-1
OUT
V+
DIV
IN
GND
SET
RSET
576k
DELAY
HOLD
IN
OUT
IN
OUT
tDELAY ≅ 3s
BOUNCE
V+
0.1µF
1M
OUT
V+
100k
681k
LTC6994-1
ACTIVE HIGH
ACTIVE LOW
OUT
V+
DIV
IN
GND
SET
RSET
576k
HOLD
DELAY
tDELAY ≅ 3s
BOUNCE
RSET (k) = 190 • tDELAY (SECONDS)
V+
0.1µF
1M
699412 TA07
OUT
V+
100k
681k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com