Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6930 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6930
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6930 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6930 Datasheet HTML 9Page - Analog Devices LTC6930 Datasheet HTML 10Page - Analog Devices LTC6930 Datasheet HTML 11Page - Analog Devices LTC6930 Datasheet HTML 12Page - Analog Devices LTC6930 Datasheet HTML 13Page - Analog Devices LTC6930 Datasheet HTML 14Page - Analog Devices LTC6930 Datasheet HTML 15Page - Analog Devices LTC6930 Datasheet HTML 16Page - Analog Devices LTC6930 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
13
Rev. D
For more information www.analog.com
PIN FUNCTIONS
V+ (Pin 1/Pin 5): Supply Voltage (2.25V to 5.5V). This
sup-ply should be kept free from noise and ripple. It
should be bypassed directly to the GND pin with a 0.1μF
capacitor.
DIV (Pin 2/Pin 4): Programmable Divider and Polarity
Input. The DIV pin voltage (VDIV) is internally converted
into a 4-bit result (DIVCODE). VDIV may be generated by
a resistor divider between V+ and GND. Use 1% resistors
to ensure an accurate result. The DIV pin and resistors
should be shielded from the OUT pin or any other traces
that have fast edges. Limit the capacitance on the DIV pin
to less than 100pF so that VDIV settles quickly. The MSB of
DIVCODE (POL) determines if the PWM signal is inverted
before driving the output. When POL = 1 the transfer func-
tion is inverted (duty cycle decreasing as VMOD increases).
SET (Pin 3/Pin 3): Frequency-Setting Input. The voltage
on the SET pin (VSET) is regulated to 1V above GND. The
amount of current sourced from the SET pin (ISET) pro-
grams the master oscillator frequency. The ISET current
range is 1.25μA to 20μA. The output oscillation will stop
if ISET drops below approximately 500nA. A resistor con-
nected between SET and GND is the most accurate way to
set the frequency. For best performance, use a precision
metal or thin film resistor of 0.5% or better tolerance
and 50ppm/°C or better temperature coefficient. For lower
accuracy applications an inexpensive 1% thick film resis-
tor may be used.
Limit the capacitance on the SET pin to less than 10pF
to minimize jitter and ensure stability. Capacitance less
than 100pF maintains the stability of the feedback circuit
regulating the VSET voltage.
(DCB/S6)
6992 PF
LTC6992
MOD
GND
SET
OUT
V+
DIV
C1
0.1µF
RSET
R2
R1
V+
V+
MOD (Pin 4/Pin 1): Pulse-Width Modulation Input. The
voltage on the MOD pin controls the output duty cycle. The
linear control range is between 0.1 • VSET and 0.9•VSET
(approximately 100mV to 900mV). Beyond those limits,
the output will either clamp at 5% or 95%, or stop oscil-
lating (0% or 100% duty cycle), depending on the version.
GND (Pin 5/Pin 2): Ground. Tie to a low inductance
ground plane for best performance.
OUT (Pin 6/Pin 6): Oscillator Output. The OUT pin swings
from GND to V+ with an output resistance of approximately
30Ω. The duty cycle is determined by the voltage on the
MOD pin. When driving an LED or other low-impedance
load a series output resistor should be used to limit the
source/sink current to 20mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com