Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6930 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC6930
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6930 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC6930 Datasheet HTML 20Page - Analog Devices LTC6930 Datasheet HTML 21Page - Analog Devices LTC6930 Datasheet HTML 22Page - Analog Devices LTC6930 Datasheet HTML 23Page - Analog Devices LTC6930 Datasheet HTML 24Page - Analog Devices LTC6930 Datasheet HTML 25Page - Analog Devices LTC6930 Datasheet HTML 26Page - Analog Devices LTC6930 Datasheet HTML 27Page - Analog Devices LTC6930 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
24
Rev. D
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 12. Supply Bypassing and PCB Layout
Constant On-Time Modulator
6992 TA02
LTC6992-1
MOD
GND
SET
OUT
V+
DIV
RM2
9.31k
RM1
1.05k
RSET
44.2k
RIN*
11.8k
VCTRL
VMOD
VSET
VIN
0V TO 2V
R1
182k
DIVCODE = 2
(÷16, POL = 1)
C1
0.1µF
OUT
R2
976k
VCC
*OPTIONAL RESISTOR ADJUSTS FOR DESIRED VIN RANGE.
AS VIN INCREASES, tOUT INCREASES AND DUTY CYCLE
DECREASES (BECAUSE POL = 1) TO MAINTAIN A CONSTANT tON.
FOR CONSTANT OFF-TIME, JUST CHANGE DIVCODE SO POL = 0.
IF
RM2
RM1+RM2
= 0.9 THEN tON = NDIV • 1.125µs •
RSET
50k
APPLICATIONS INFORMATION
6992 F14
LTC6992
MOD
GND
SET
OUT
V+
DIV
C1
0.1µF
R1
R2
RSET
V+
MOD
GND
SET
OUT
V+
DIV
V+
DIV
SET
OUT
GND
MOD
R1
R2
C1
RSET
V+
C1
R1
R2
V+
RSET
TSOT-23 PACKAGE
DFN PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com