Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN2210HV-600-99-R9 Datasheet(PDF) 3 Page - Schaffner International Ltd

Part # FN2210HV-600-99-R9
Description  Compact high current DC EMC/EMI filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN2210HV-600-99-R9 Datasheet(HTML) 3 Page - Schaffner International Ltd

  FN2210HV-600-99-R9 Datasheet HTML 1Page - Schaffner International Ltd FN2210HV-600-99-R9 Datasheet HTML 2Page - Schaffner International Ltd FN2210HV-600-99-R9 Datasheet HTML 3Page - Schaffner International Ltd FN2210HV-600-99-R9 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
EMC/EMI Products
Schaffner Group
Datasheets
26 Jun 2020
Mechanical data
250 to 2'300 A types
Busbar connections
250 to 1'000 A types
1'500 A types
2'300 A types
Note:
all FN 2211 and FN 2210 provide unsymmetrical mounting hole patterns to prevent inverse filter installation in the field.
Dimensions
FN 2211
HV
FN 2210
HV*
FN 2211
HV
FN 2210
HV*
FN 2211
HV
FN 2210
HV*
FN 2211
HV
FN 2210
HV*
FN 2211
HV
FN 2210
HV*
FN 2211
HV
FN 2210
HV*
250 A
250 A
400 A
400 A
600 A
600 A
1'000 A
1'000 A
1'500 A
1'500 A
2'300 A
2'300 A
A
220
205
235
215
240
225
265
265
275
275
305
305
B
160
145
175
160
175
170
180
180
215
215
230
230
C*
140
105
150
110
150
110
165
110
200
150
210
165
D
285
270
310
290
315
300
380
380
440
440
495
495
E
245
227
260
240
265
250
300
300
315
315
345
345
F1
130
120
140
125
140
135
140
140
175
175
180
180
F2
135
125
145
130
145
140
145
145
180
180
185
185
G
Ø 7
Ø 7
Ø 9
Ø 9
Ø 9
Ø 9
Ø 11
Ø 11
Ø 11
Ø 11
Ø 11
Ø 11
H
1.5
1.5
2
2
2
2
2.5
2.5
2.5
2.5
2.5
2.5
J
M6
M6
M8
M8
M8
M8
M8
M8
M10
M10
M10
M10
K
250 (+/- 1)
230 (+/- 1)
265 (+/- 1)
245 (+/- 1)
270 (+/- 1)
255 (+/- 1)
310 (+/- 1)
310 (+/- 1)
321 (+/- 1)
321 (+/- 1)
351 (+/- 1)
351 (+/- 1)
L
265
245
285
265
290
275
330
330
345
345
375
375
P
84 (+/- 0.5)
74 (+/- 0.5)
86 (+/- 0.5)
71 (+/- 0.5)
84 (+/- 0.5)
79 (+/- 0.5)
86 (+/- 0.5)
86 (+/- 0.5)
86 (+/- 0.5)
86 (+/- 0.5)
93 (+/- 0.5)
93 (+/- 0.5)
S
26
26
40
40
T
26
26
35
35
U
41
41
46
46
49.5
49.5
53
53
58
58
60.5
60.5
V
20
20
25
25
25
25
40
40
60
60
70
70
W
3
3
4
4
8
8
8
8
10
10
15
15
X
10
10
12.5
12.5
12.5
12.5
20
20
17
17
20
20
Y
32.5
32.5
37.5
37.5
37.5
37.5
57.5
57.5
82.5
82.5
82.5
95
Z
Ø 9
Ø 9
Ø 11
Ø 11
Ø 11
Ø 11
Ø 13.5
Ø 13.5
Ø 13.5
Ø 13.5
Ø 13.5
Ø 13.5
* Filters with flat top (Dimension C)
All dimensions in mm; 1 inch=25.4mm
Tolerances according: ISO 2768-m / EN 22768-m, if not stated otherwise
Please see the brochure "Basics in EMC and Power Quality" on our website www.schaffner.com/downloads to find more details on filter connectors.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com