Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN2210HV-600-99-R9 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN2210HV-600-99-R9
Description  Compact high current DC EMC/EMI filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN2210HV-600-99-R9 Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN2210HV-600-99-R9 Datasheet HTML 1Page - Schaffner International Ltd FN2210HV-600-99-R9 Datasheet HTML 2Page - Schaffner International Ltd FN2210HV-600-99-R9 Datasheet HTML 3Page - Schaffner International Ltd FN2210HV-600-99-R9 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA
SHEET
DC Filters FN 2211 HV and FN 2210 HV
Compact high current DC EMC/EMI filter
Reduces conducted emissions towards the
solar panel
Reduces the probability of EMI radiation off the
solar panel
Helps to prevent premature panel aging
Helps to meet international EMC regulations
Most compact standard solution in the
industry
FN 2210 HV without Cy capacitors to ground
Performance indicators
Technical specifications
Maximum continuous operating voltage
1'500 VDC
Operating frequency
DC
Rated currents
250 to 2300 A @ 50°C
High potential test voltage
P -> E 6'800 VDC for 2 sec
P -> P 3'850 VDC for 2 sec
Protection category
IP 00
Overload capability
4x rated current at switch on, max. 8 sec 1.5x rated
current for 1 minute, once per hour -40°C
Temperature range (operation and storage)
to +100°C
Climatic category
40/100/21 acc. to IEC 60068-1
Terminals/Housing
Ni plated cu bars/Metal
Flammability corresponding to
UL 94V-0
Design corresponding to
UL 1283, CSA 22.2 No. 8 1986, IEC/EN 60939,
EN 60721-3, EN 62109
Rated currents
250 to 2300 A @50°C (480 V filters)
MTBF @ Rated amb. Temp./Voltage (Mil-
HB-217F)
> 200,000 hours
Approvals & Compliances
The FN 2211 HV/FN 2210 HV series are the most
compact dedicated high current DC filters for PV
inverters in the industry and therefore are an
optimum fit with most modern PV inverter
generation. In addition the filters can be configured
in a very flexible way to fulfil customized application
requirements.
All FN 2211 HV/FN 2210 HV come in unsymmetrical
housings, which help to prevent inverse installation
and wrong electrical connection. Along with grid-
side installed Schaffner AC EMC/EMI filters FN 3311
HV/FN 3310 HV, the DC filters FN 2211 HV/FN 2210 HV
are key to meet the stringent international standards
for electromagnetic compatibility and help to ensure
a reliable and fault-free operation of the entire PV
system.
Features and benefits
Installed between the PV inverter and the solar panel,
the FN 2211 HV and FN 2210 HV DC filters are used to
influence positively the conducted emissions on the
panel side of the system. Therefore the DC filters
significantly reduce the potential for highfrequency
(HF) interference radiation of the panel. The filter also
helps to prevent premature panel aging because of
HF stray and leakage currents.
Typical applications
The FN 2211 HV/FN 2210 HV series are primarily
designed for PV inverter applications between 250
and 2'300 A. However, they can potentially also be
applied in other DC applications within published
specifications, like UPS, DC motor drives, energy/
battery storage systems, or DC charger installations.
Typical electrical schematic FN 2211 HV
Typical electrical schematic FN 2210 HV


Similar Part No. - FN2210HV-600-99-R9

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN2210-1000-99-R5 SCHAFFNER-FN2210-1000-99-R5 Datasheet
3Mb / 4P
Compact high current DC EMC/EMI filter
FN2210-1500-99-R5 SCHAFFNER-FN2210-1500-99-R5 Datasheet
3Mb / 4P
Compact high current DC EMC/EMI filter
FN2210-2300-99-R5 SCHAFFNER-FN2210-2300-99-R5 Datasheet
3Mb / 4P
Compact high current DC EMC/EMI filter
FN2210-250-99-R5 SCHAFFNER-FN2210-250-99-R5 Datasheet
3Mb / 4P
Compact high current DC EMC/EMI filter
FN2210-400-99-R5 SCHAFFNER-FN2210-400-99-R5 Datasheet
3Mb / 4P
Compact high current DC EMC/EMI filter
More results

Similar Description - FN2210HV-600-99-R9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9233SR-3-06 ETC2-FN9233SR-3-06 Datasheet
348Kb / 6P
High Performance EMC/EMI Filter
logo
API Technologies Corp
62-MTB-060-5-21 APITECH-62-MTB-060-5-21 Datasheet
226Kb / 2P
EMI/EMC Filter
logo
Schaffner International...
FN-355 SCHAFFNER-FN-355 Datasheet
1Mb / 4P
Ultra-compact Low Leakage current EMC/EMI Filter
FN-2211 SCHAFFNER-FN-2211 Datasheet
3Mb / 4P
Compact high current DC EMC/EMI filter
FN-3311 SCHAFFNER-FN-3311 Datasheet
3Mb / 4P
Compact power line AC EMC/EMI filter
FN-9233 SCHAFFNER-FN-9233 Datasheet
964Kb / 7P
High Performance EMC/EMI Filter
logo
DONG IL TECHNOLOGY LTD.
ES3 DIT-ES3 Datasheet
1Mb / 2P
EMI/EMC FILTER
HP4 DIT-HP4 Datasheet
954Kb / 2P
EMI/EMC FILTER
PC2 DIT-PC2 Datasheet
1Mb / 2P
EMI/EMC FILTER
TB3 DIT-TB3 Datasheet
1Mb / 4P
EMI/EMC FILTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com