Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4606 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC4606
Description  Silicon PNP epitaxial planer type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4606 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC4606 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4606 Datasheet HTML 2Page - Panasonic Semiconductor 2SC4606 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Collector
EIAJ:SC–71
3:Emitter
M Type Mold Package
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
*
Tj
Tstg
Ratings
–80
–80
–5
–1
– 0.5
1
150
–55 ~ +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCBO
VCEO
VEBO
hFE1
*
hFE2
VCE(sat)
VBE(sat)
fT
Cob
Conditions
VCB = –20V, IE = 0
IC = –10µA, IE = 0
IC = –100µA, IB = 0
IE = –10µA, IC = 0
VCE = –10V, IC = –150mA
VCE = –5V, IC = –500mA
IC = –300mA, IB = –30mA
IC = –300mA, IB = –30mA
VCB = –10V, IE = 50mA, f = 200MHz
VCB = –10V, IE = 0, f = 1 MHz
min
–80
–80
–5
130
50
typ
100
– 0.2
– 0.85
85
11
max
– 0.1
330
– 0.4
–1.2
20
Unit
µA
V
V
V
V
V
MHz
pF
6.9
±0.1
0.55
±0.1
0.45
±0.05
2.5
±0.1
1.0
1.5
1.5 R0.9
R0.9
0.85
2.5
2.5
1
2
3
* Printed circuit board: Copper foil area of 1cm2 or more, and the board
thickness of 1.7mm for the collector portion
*h
FE1 Rank classification
Rank
R
S
hFE1
130 ~ 220
185 ~ 330
2SA1762
Silicon PNP epitaxial planer type
For low-frequency driver amplification
Complementary to 2SC4606
s Features
q
High collector to emitter voltage VCEO.
q
Optimum for the driver stage of a low-frequency and 25 to 30W
output amplifier.
s Absolute Maximum Ratings (Ta=25˚C)


Similar Part No. - 2SC4606

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC4606 PANASONIC-2SC4606 Datasheet
48Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
More results

Similar Description - 2SC4606

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA1254 PANASONIC-2SA1254 Datasheet
38Kb / 2P
Silicon PNP epitaxial planer type
2SA1309A PANASONIC-2SA1309A Datasheet
35Kb / 2P
Silicon PNP epitaxial planer type
2SA1512 PANASONIC-2SA1512 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type
2SA1531 PANASONIC-2SA1531 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type
2SA1534 PANASONIC-2SA1534 Datasheet
47Kb / 3P
Silicon PNP epitaxial planer type
2SA1739 PANASONIC-2SA1739 Datasheet
40Kb / 2P
Silicon PNP epitaxial planer type
2SA1982 PANASONIC-2SA1982 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC5609 PANASONIC-2SC5609 Datasheet
45Kb / 1P
Silicon PNP epitaxial planer type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com