Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4606 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC4606
Description  Silicon PNP epitaxial planer type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4606 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC4606 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4606 Datasheet HTML 2Page - Panasonic Semiconductor 2SC4606 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Transistor
2SA1762
0
160
40
120
80
140
20
100
60
0
1.2
1.0
0.8
0.6
0.4
0.2
Printed circut board: Copper
foil area of 1cm2 or more, and
the board thickness of 1.7mm
for the collector portion.
Ambient temperature Ta (˚C)
0
–10
–8
–2
–6
–4
0
–1.2
–1.0
– 0.8
– 0.6
– 0.4
– 0.2
Ta=25˚C
I
B=–10mA
–9mA
–8mA
–7mA
–6mA
–5mA
–4mA
–3mA
–2mA
–1mA
Collector to emitter voltage V
CE
(V)
0
–10
–8
–2
–6
–4
0
–1.2
–1.0
– 0.8
– 0.6
– 0.4
– 0.2
V
CE=–10V
Ta=25˚C
Base current I
B
(mA)
–1
–10
–100
–1000
–3
–30
–300
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–10
I
C/IB=10
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
–1
–10
–100
–1000
–3
–30
–300
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
I
C/IB=10
Ta=–25˚C
25˚C
75˚C
Collector current I
C
(mA)
–1
–10
–100
–1000
–3
–30
–300
0
300
250
200
150
100
50
V
CE=–10V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
1
10
100
1000
3
30
300
0
120
100
80
60
40
20
V
CB=–10V
f=200MHz
Ta=25˚C
Emitter current I
E
(mA)
–1
–3
–10
–30
–100
0
60
50
40
30
20
10
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
0
180
60
120
1
10
102
103
104
V
CB=–20V
Ambient temperature Ta (˚C)
PC —Ta
IC —VCE
IC —IB
VCE(sat) —IC
VBE(sat) —IC
hFE —IC
fT —IE
Cob —VCB
ICBO —Ta



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com