Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI401PC Datasheet(PDF) 3 Page - Schaffner International Ltd

Part # RI401PC
Description  Saturating Chokes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

RI401PC Datasheet(HTML) 3 Page - Schaffner International Ltd

  RI401PC Datasheet HTML 1Page - Schaffner International Ltd RI401PC Datasheet HTML 2Page - Schaffner International Ltd RI401PC Datasheet HTML 3Page - Schaffner International Ltd RI401PC Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
EMC/EMI Products
Schaffner Group Datasheets 22 Apr 2020
Mechanical data
RI 111
RI 401, RI 403, RI 406
RI 410
RI 415, RI 425
Dimensions
RI 111
RI 401
RI 403
RI 406
RI 410
RI 415
RI 425
Tolerances
A
49
19.5
23.3
28.5
33
35
48
B
35
19.5
23.3
28.5
33
49
48
C
34
15
18
21.5
28
34
43
±0.3
D
15
4 ±0.5
6 ±0.5
4.5 ±0.5
6 ±0.5
200
200
E
Ø1.15
0.6 x 0.88
Ø0.9
0.6 x 0.88
0.75 x 1.1
±0.1
F
1
1
10 ±2
10 ±2
G
20
12.5
15
20
17.5
22
39
H
40
7.5
10
10
15
36
35
I
M4
M4
M4
J
6
6
6
+0/-0.5
L
21
30
30
±0.25
All dimensions in mm; 1 inch = 25.4 mm
Tolerances according: ISO 2768-m/EN 22768-m
Please visit www.schaffner.com to find more details on filter connections.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com