Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI401PC Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # RI401PC
Description  Saturating Chokes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

RI401PC Datasheet(HTML) 1 Page - Schaffner International Ltd

  RI401PC Datasheet HTML 1Page - Schaffner International Ltd RI401PC Datasheet HTML 2Page - Schaffner International Ltd RI401PC Datasheet HTML 3Page - Schaffner International Ltd RI401PC Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATASHEET
Saturating Chokes RI series
Saturating Chokes
Rated currents from 1.5 to 25 A
Up to 500 VAC operating voltage
DC to 1 kHz frequency
Single or dual-choke configurations
Performance indicators
Technical specifications
Maximum continuous operating voltage
500 VAC @ 40°C
Rated currents
1.5 to 25 A @ 40°C max.
High potential test voltage
winding-to-winding @ 25°C
2500 VAC, 60 sec, guaranteed
and/or winding-to-inserts
2500 V, 50 Hz, 2 sec, factory test
Surge current @ 10 msec
20 x IN @ 25°C
Temperature range (operation and storage)
-25°C to +110°C (25/110/21)
Flammability corresponding to
UL 94 V-0
MTBF @ 40°C/230 V (Mil-HB-217F)
>5,000,000 hours
Approvals & Compliances
RI saturating type chokes change impedance at the
moment of switching, and can be used to attenuate
differential-mode noise or symmetrical interference
as generated in fast switching high current
applications. These chokes are typically used in
conjunction with suppression capacitors. For
optimum attenuation chokes must be connected as
close as possible to the semiconductor switching
device.
Features and benefits
Excellent thermal behavior
Through hole or wire connections
Single or dual-choke configurations
Up to 25 A single configuration
Custom-specific versions are available on request
Typical applications
Suppressing high interference levels generated by
fast switching circuits
DC voltage smoothing
EMC/EMI filters
Phase angle control circuits
Power supplies
Chargers
Typical electrical schematic


Similar Part No. - RI401PC

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RI40N1200T7 RECTRON-RI40N1200T7 Datasheet
930Kb / 7P
IGBT
2023-05/59 REV:O
logo
Turck, Inc.
RI40P1-QR20-LI2X2 TURCK-RI40P1-QR20-LI2X2 Datasheet
1Mb / 3P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
RI40P1-QR20-LI2X2-H1141 TURCK-RI40P1-QR20-LI2X2-H1141 Datasheet
1Mb / 3P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
RI40P1-QR20-LU4X2 TURCK-RI40P1-QR20-LU4X2 Datasheet
1Mb / 3P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
RI40P1-QR20-LU4X2-H1141 TURCK-RI40P1-QR20-LU4X2-H1141 Datasheet
1Mb / 4P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
More results

Similar Description - RI401PC

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DFSG SCHURTER-DFSG Datasheet
482Kb / 3P
Saturating Choke
DLFL SCHURTER-DLFL Datasheet
420Kb / 2P
Linear/Saturating Choke
DLFP SCHURTER-DLFP Datasheet
499Kb / 3P
Linear/Saturating Choke
DFSG SCHURTER-DFSG_17 Datasheet
379Kb / 4P
Saturating Choke
DLFL SCHURTER-DLFL_17 Datasheet
252Kb / 3P
Linear/Saturating Choke
DLFP SCHURTER-DLFP_17 Datasheet
313Kb / 4P
Linear/Saturating Choke
DFSG SCHURTER-DFSG_18 Datasheet
361Kb / 3P
Saturating Choke
DLFL SCHURTER-DLFL_V01 Datasheet
264Kb / 3P
Linear/Saturating Choke
DLFP SCHURTER-DLFP_V01 Datasheet
295Kb / 3P
Linear/Saturating Choke
14.09.2021
DFSG SCHURTER-DFSG_V01 Datasheet
362Kb / 3P
Saturating Choke
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com