Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-4101-RZ000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HLMP-4101-RZ000
Description  T-1 3/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-4101-RZ000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-4101-RZ000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-4101-RZ000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-4101-RZ000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-4101-RZ000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-4101-RZ000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-4101-RZ000 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Agilent HLMP-4100/4101
T-13/4 (5 mm)
Double Heterojunction AlGaAs
Very High Intensity Red LED Lamps
Data Sheet
Features
• 1000 mcd at 20 mA
• Very high intensity at low drive
currents
• Narrow viewing angle
• Outstanding material efficiency
• Low forward voltage
• CMOS/MOS compatible
• TTL compatible
• Deep red color
Applications
• Bright ambient lighting conditions
• Emitter/detector and signaling
applications
• General use
Description
These solid state LED lamps
utilize newly developed double
heterojunction (DH) AlGaAs/GaAs
material technology. This LED
material has outstanding light
output efficiency over a wide range
of drive currents. The lamp package
has a tapered lens designed to
concentrate the luminous flux
into a narrow radiation pattern to
achieve a very high intensity. The
LED color is deep red at the
dominant wavelength of 637
nanometers. These lamps may be
DC or pulse driven to achieve
desired light output.
Package Dimensions
6.10 (0.240)
5.59 (0.220)
2.54 (0.100)
NOMINAL
CATHODE
23.0 (0.90) MIN.
12.44 (0.490)
11.68 (0.460)
9.19 (0.362)
8.43 (0.332)
1.32 (0.052)
1.02 (0.040)
0.64 (0.025)
SQUARE
NOMINAL
0.89 (0.035)
0.64 (0.025)
1.27 (0.050) NOM.
5.08 (0.200)
4.57 (0.180)


Similar Part No. - HLMP-4101-RZ000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-4101-ST0XX BOARDCOM-HLMP-4101-ST0XX Datasheet
144Kb / 6P
T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
More results

Similar Description - HLMP-4101-RZ000

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-D101A QT-HLMP-D101A Datasheet
333Kb / 4P
DOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS
logo
Fairchild Semiconductor
HLMP-D101A FAIRCHILD-HLMP-D101A Datasheet
273Kb / 5P
DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D105 AVAGO-HLMP-D105 Datasheet
282Kb / 8P
High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D101 AVAGO-HLMP-D101 Datasheet
291Kb / 8P
High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com