Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-4101-RZ000 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-4101-RZ000
Description  T-1 3/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-4101-RZ000 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-4101-RZ000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-4101-RZ000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-4101-RZ000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-4101-RZ000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-4101-RZ000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-4101-RZ000 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Note:
1.
θ1/
2 is the angle from optical centerline where the luminous intensity is
1/
2 the optical
centerline value.
Selection Guide
Luminous Intensity Iv (mcd) at 20 mA
2
θ
1/2
[1]
Device HLMP-
Min.
Typ.
Max.
Degree
4100
500.0
750.0
–
8
4101
700.0
1000.0
–
8
4101-ST0xx
1400.0
2700.0
4000.0
8
Part Numbering System
Notes:
1. ‘0’ indicates no maximum intensity limit.
2. ‘0’ indicates full color distribution.
HLMX
-41XX-X
XXXX
Mechanical Option
00: Bulk
Color Bin Options
0: Full color bin distribution
Maximum Iv Bin Options
0: Open (No. max. limit)
Others: Please refer to the Iv bin Table
Minimum Iv Bin Options
Please refer to the Iv bin Table
Brightness Level
00: Lower brightness
01: Higher brightness



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com