Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK1012 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTK1012
Description  N-Channel 1.8-V (G-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK1012 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK1012 Datasheet HTML 1Page - First Silicon Co., Ltd FTK1012 Datasheet HTML 2Page - First Silicon Co., Ltd FTK1012 Datasheet HTML 3Page - First Silicon Co., Ltd FTK1012 Datasheet HTML 4Page - First Silicon Co., Ltd FTK1012 Datasheet HTML 5Page - First Silicon Co., Ltd FTK1012 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2014. 01. 13
4/6
Revision No : 0
FTK1012
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
1
2
3
4
5
012345
6
ID = 350 mA
1000
1
e
g
a
tl
o
V
e
c
r
u
o
S
-
o
t-
e
t
a
G
.
s
v
e
c
n
a
t
s
i
s
e
R
-
n
O
e
g
a
tl
o
V
d
r
a
w
r
o
F
e
d
o
i
D
n
i
a
r
D
-
e
c
r
u
o
S
VSD −
V
)
V
(
e
g
a
t
l
o
V
n
i
a
r
D
-
o
t
-
e
c
r
u
o
S
GS −Gate-to-Source Voltage (V)
ID = 200 mA
TJ = 125 C
TJ = 25 C
TJ = −55 C
10
100
−0.3
−0.2
−0.1
−0.0
0.1
0.2
0.3
−50
−25
0
25
50
75
100
125
ID = 0.25 mA
Threshold Voltage Variance vs. Temperature
TJ −Temperature (℃)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
−50
−25
0
25
50
75
100
125
IGSS vs. Temperature
TJ −Temperature (℃)
VGS = 4.5 V
0
1
2
3
4
5
6
7
−50
−25
0
25
50
75
100
125
BVGSS vs. Temperature
T −Temperature ( C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com