Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK1012 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK1012
Description  N-Channel 1.8-V (G-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK1012 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK1012 Datasheet HTML 1Page - First Silicon Co., Ltd FTK1012 Datasheet HTML 2Page - First Silicon Co., Ltd FTK1012 Datasheet HTML 3Page - First Silicon Co., Ltd FTK1012 Datasheet HTML 4Page - First Silicon Co., Ltd FTK1012 Datasheet HTML 5Page - First Silicon Co., Ltd FTK1012 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2014. 01. 13
2/6
Revision No : 0
FTK1012
SPECIFICATIONS (TA = 25℃ UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate ThresholdVoltage
VGS(th)
VDS = VGS, ID= 250 A
0.45
0.9
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = 4.5 V
0.5
1.0
A
Zero
age Drain Current
IDSS
VDS = 20 V, VGS = 0 V
0.3
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V, TJ = 85 C
5
A
On-State Drain Current
ID(on)
VDS = 5 V, VGS = 4.5 V
700
mA
VGS = 4.5 V, ID= 600 mA
0.41
0.70
Drain-Source On-State Resistance
rDS(on)
VGS = 2.5 V, ID= 500 m A
0.53
0.85
DS(on)
VGS = 1.8 V, ID= 350 m A
0.70
1.25
Forward Transconductance
gfs
VDS = 10 V, ID = 400 mA
1.0
S
Diode ForwardVoltage
VSD
IS = 150 mA, VGS= 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
750
Gate-Source Charge
Qgs
VDS = 10 V, VGS = 4.5 V, ID= 250 mA
75
pC
Gate-Drain Charge
Qgd
225
Turn-On Delay Time
td(on)
5
Rise Time
tr
VDD = 10 V, R L= 47
5
ns
Turn-Off Delay Time
td(off)
VDD = 10 V,
ID
200 mA, VGEN = 4.5 V, RG = 10
25
ns
Fall Time
tf
11
Notes
a.
Pulse test; pulse width 300 s, duty cycle
2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
a
a
a



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com