Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0804BVG Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # P0804BVG
Description  N-Channel 40-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

P0804BVG Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  P0804BVG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd P0804BVG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd P0804BVG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd P0804BVG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd P0804BVG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd P0804BVG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd P0804BVG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd P0804BVG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd P0804BVG Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-Channel 40-V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Power MOSFET
•
100 % Rg Tested
•
100 % UIS Tested
•
Compliant to RoHS directive 2002/95/EC
APPLICATIONS
•
Synchronous Rectification
•
POL, IBC
- Secondary Side
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
d
Qg (Typ.)
40
0.012 at VGS = 10 V
12
15 nC
0.012 at VGS = 4.5 V
9
D
S
D
D
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
S
S
N-Channel MOSFET
G
D
S
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. Maximum under Steady State conditions is 85 °C/W.
d. Based on TC = 25 °C.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
12
A
TC = 70 °C
8
TA = 25 °C
12.4a, b
TA = 70 °C
8.8a, b
Pulsed Drain Current
IDM
50
Avalanche Current
L = 0.1 mH
IAS
15
Avalanche Energy
EAS
11
mJ
Continuous Source-Drain Diode Current
TC = 25 °C
IS
5
A
TA = 25 °C
2.1a, b
Maximum Power Dissipation
TC = 25 °C
PD
6
W
TC = 70 °C
3.8
TA = 25 °C
2.5a, b
TA = 70 °C
1.6a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, c
t
≤ 10 s
RthJA
37
50
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
17
21
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
P0804BVG
1


Similar Part No. - P0804BVG

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P080000 E-SWITCH-P080000 Datasheet
23Kb / 1P
All Dimension In MM
logo
HuaXinAn Electronics CO...
P0800SA HUAXINAN-P0800SA Datasheet
292Kb / 4P
SIDACtor Protection Thyristors
logo
MDE Semiconductor, Inc.
P0800SA MDE-P0800SA Datasheet
168Kb / 3P
SURFACE MOUNT SMB AND AXIAL LEAD DO-15
P0800SA MDE-P0800SA Datasheet
168Kb / 3P
SURFACE MOUNT SMB AND AXIAL LEAD DO-15
P0800SA MDE-P0800SA Datasheet
168Kb / 3P
SURFACE MOUNT SMB AND AXIAL LEAD DO-15
More results

Similar Description - P0804BVG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
N-Channel 40-V (D-S) MOSFET
18-Aug-03
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
N-Channel 40 V (D-S) MOSFET
04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
N-Channel 40-V (D-S) MOSFET
01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
N-Channel 40-V (D-S) MOSFET
02-Mar-09
SI4840BDY VISHAY-SI4840BDY Datasheet
240Kb / 10P
N-Channel 40-V (D-S) MOSFET
06-Apr-09
logo
Analog Power
AM3940NE ANALOGPOWER-AM3940NE Datasheet
183Kb / 3P
N-Channel 40-V (D-S) MOSFET
AM70N04-06D ANALOGPOWER-AM70N04-06D Datasheet
352Kb / 5P
N-Channel 40-V (D-S) MOSFET
AM90N04-03P ANALOGPOWER-AM90N04-03P Datasheet
335Kb / 5P
N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7884BDP-T1-E3 VISHAY-SI7884BDP-T1-E3 Datasheet
164Kb / 9P
N-Channel 40-V (D-S) MOSFET
08-Sep-08
SI2318CDS-T1-GE3 VISHAY-SI2318CDS-T1-GE3 Datasheet
239Kb / 10P
N-Channel 40 V (D-S) MOSFET
04-Oct-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com