Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0804BVG Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # P0804BVG
Description  N-Channel 40-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

P0804BVG Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  P0804BVG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd P0804BVG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd P0804BVG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd P0804BVG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd P0804BVG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd P0804BVG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd P0804BVG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd P0804BVG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd P0804BVG Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
10
20
30
40
50
0
0.4
0.8
1.2
1.6
2.0
VDS - Drain-to-Source Voltage (V)
VGS = 10 V thru 5 V
4 V
3 V
0.004
0.009
0.014
0.019
0.024
0
10203040
50
ID - Drain Current (A)
VGS = 4.5 V
VGS = 10 V
0
2
4
6
8
10
0
5
10
15
20
25
30
35
VDS = 20 V
ID = 12.4 A
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TC = 125 °C
TC = 25 °C
TC = - 55 °C
0
400
800
1200
1600
2000
2400
0
5
10
15
20
25
30
35
40
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
Crss
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 12.4 A
TJ - Junction Temperature (°C)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
P0804BVG
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com