Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK08DFN Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK08DFN
Description  Dual P-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK08DFN Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK08DFN Datasheet HTML 1Page - First Silicon Co., Ltd FTK08DFN Datasheet HTML 2Page - First Silicon Co., Ltd FTK08DFN Datasheet HTML 3Page - First Silicon Co., Ltd FTK08DFN Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2014.10. 10
3/4
FTK08DFN
Revision No : 0
Typical Electrical and Thermal Characteristics (Curves)
3
2
1
0
0
1
2
3
4
5
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
-0
-1
-2
-3
-4
-0
-1
-2
-3
-4
-5
0
1
2
3
4
5
0
20
40
60
80
100
02
4
6
8
0
100
200
300
400
500
Ta=25
oC
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE V
GS
(V)
Ta=25
oC
Pulsed
5
V
SD
I
S ——
SOURCE TO DRAIN VOLTAGE V
SD
(V)
V
GS=-2.4V,-2 2V,-2V,-1.8V,-1.6V
V
GS=-1.4V
V
GS=-1.2V
V
GS=-1.0V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)
Ta=25
oC
Pulsed
V
GS=-1 8V
V
GS=-2.5V
V
GS=-4.5V
DRAIN CURRENT I
D
(A)
I
D
R
DS(ON)
——
Ta=25
oC
Pulsed
I
D=-2.1A
V
GS
R
DS(ON)
——
GATE TO SOURCE VOLTAGE V
GS
(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com