Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK08DFN Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK08DFN
Description  Dual P-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK08DFN Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK08DFN Datasheet HTML 1Page - First Silicon Co., Ltd FTK08DFN Datasheet HTML 2Page - First Silicon Co., Ltd FTK08DFN Datasheet HTML 3Page - First Silicon Co., Ltd FTK08DFN Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2014. 10. 10
1/4
SEMICONDUCTOR
TECHNICAL DATA
FTK08DFN
Revision No : 0
Dual P-Channel Power MOSFET
General Description
The FTK08DFN uses advanced trench technology and design to
Provide excellent RDS(on) with low gate charge. This device is suitable for use
in DC-DC conversion applications.
FEATURE
Low Profile for Easy Fit in Thin Environments
Bidirectional Current Folw with Common Source Configuration
APPLICATIONS
Optimized for Battery and Load Management Applications in Portable Equipment
Li-Ion Battery Charging and Protection Circuits
High Power Management in Portable , Battery Powered Products
High Side Load Switch
MARKING:
Tape Drawing (Unit : mm)
Maximum ratings (Ta=25
℃ unless otherwise noted)
t
i
n
U
e
u
l
a
V
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
n
i
a
r
D
DS
-20
V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
e
t
a
G
GS
±8
V
I
)
a
1
e
t
o
N
(
t
n
e
r
r
u
C
n
i
a
r
D
s
u
o
u
n
i
t
n
o
C
D
A
-3.6
Power Dissipation(Note1a)
PD
W
4
.
1
Power Dissipation(Note1b)
PD
W
7
.
0
Thermal Resistance from Junction to Ambient(Note1a)
RθJA
86
℃/W
DFNWB2*2-6L-A
front
back


Similar Part No. - FTK08DFN

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK001N60S FS-FTK001N60S Datasheet
989Kb / 5P
600V N-Channel MOS FETs
FTK0102 FS-FTK0102 Datasheet
566Kb / 6P
N-Channel Enhancement Mode Power MOSFET
FTK0103M FS-FTK0103M Datasheet
526Kb / 6P
N-Channel Enhancement Mode Power MOSFET
FTK02P15S FS-FTK02P15S Datasheet
689Kb / 5P
-150V P-Channel MOSFETs
FTK03N10 FS-FTK03N10 Datasheet
364Kb / 4P
N-Channel MOSFET
More results

Similar Description - FTK08DFN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSD2011A FAIRCHILD-SSD2011A Datasheet
180Kb / 5P
Dual P-CHANNEL POWER MOSFET
logo
NEC
UPA1774 NEC-UPA1774 Datasheet
78Kb / 8P
SWITCHING DUAL P-CHANNEL POWER MOSFET
logo
Texas Instruments
CSD75204W15 TI-CSD75204W15 Datasheet
245Kb / 11P
Dual P-Channel NexFET Power MOSFET
CSD75211W1723 TI-CSD75211W1723 Datasheet
415Kb / 10P
Dual P-Channel NexFET??Power MOSFET
CSD75204W15 TI-CSD75204W15_10 Datasheet
151Kb / 9P
Dual P-Channel NexFET??Power MOSFET
logo
ON Semiconductor
EMH2314 ONSEMI-EMH2314 Datasheet
769Kb / 5P
Dual P-Channel Power MOSFET
July, 2014
VEC2315 ONSEMI-VEC2315 Datasheet
541Kb / 5P
Dual P-Channel Power MOSFET
October 2015 - Rev. 1
logo
Jiangsu Changjiang Elec...
CJL1206 JIANGSU-CJL1206 Datasheet
761Kb / 5P
Dual P-Channel Power MOSFET
CJ3139KDW JIANGSU-CJ3139KDW Datasheet
1Mb / 5P
Dual P-Channel Power MOSFET
CJX3139K JIANGSU-CJX3139K Datasheet
1Mb / 5P
Dual P-Channel Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com