Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW005S500D Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # AW005S500D
Description  High Voltage Silicon Rectifier Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

AW005S500D Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  AW005S500D Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD AW005S500D Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AW005S500D
0.5A 50kV --nS
High Voltage Silicon Rectifier Assembly
----------------------------------------------------------------------------------------------------------------------------- ------
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2021-01 1 / 2
INTRODUCE:
HVGT high voltage silicon rectifier assembly is
made of high quality silicon wafer chip and high
reliability epoxy resin sealing structure, and
through professional testing equipment inspection
qualified after to customers.
FEATURES:
1. High reliability design.
2. High voltage design.
3. High current . low forward voltage
4. Conform to RoHS and SGS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. Accelerator power supply.
2. High voltage test equipment circuit .
3. General purpose high voltage rectifier.
4. Environmental desulfurization system.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: screw holes.
3. Net weight: 120grams (approx).
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: HVC-152520
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value
Units
Repetitive Peak Renerse Voltage
VRRM
TA=25°C
50
kV
Non-Repetitive Peak Renerse Voltage
VRSM
TA=25°C
60
kV
Average Forward Current Maximum
IFAVM
TA=25°C; 50Hz Half-Sine Wave;
Resistance load
0.5
A
Non-Repetitive Forward Surge Current
IFSM
TA=25°C; 50Hz Half-Sine Wave; 8.3mS
15
A
Junction Temperature
TJ
125
°C
Allowable Operation Case Temperature
Tc
-40~+125
°C
Storage Temperature
TSTG
-40~+150
°C
ELECTRICAL CHARACTERISTICS: TA=25°C (Unless Otherwise Specified)
Items
Symbols
Condition
Data value
Units
Maximum Forward Voltage Drop
VFM
at 25°C; at IFAVM
60
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
5.0
uA
IR2
at 100°C; at VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
--
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
--
pF


Similar Part No. - AW005S500D

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
AW005S500G GETEDZ-AW005S500G Datasheet
520Kb / 2P
Fast Recovery High Voltage Rectifier Assembly
AW005S500U GETEDZ-AW005S500U Datasheet
520Kb / 2P
Fast Recovery High Voltage Rectifier Assembly
More results

Similar Description - AW005S500D

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL10KV GETEDZ-2CL10KV_17 Datasheet
506Kb / 2P
High Voltage Silicon Rectifier Assembly
2CL20KV GETEDZ-2CL20KV Datasheet
509Kb / 2P
High Voltage Silicon Rectifier Assembly
2CL40KV GETEDZ-2CL40KV Datasheet
509Kb / 2P
High Voltage Silicon Rectifier Assembly
2CL2020 GETEDZ-2CL2020_17 Datasheet
509Kb / 2P
High Voltage Silicon Rectifier Assembly
2CL2030 GETEDZ-2CL2030 Datasheet
509Kb / 2P
High Voltage Silicon Rectifier Assembly
2CL2040 GETEDZ-2CL2040 Datasheet
509Kb / 2P
High Voltage Silicon Rectifier Assembly
2CL5040 GETEDZ-2CL5040 Datasheet
515Kb / 2P
High Voltage Silicon Rectifier Assembly
2CLG20KV-3A GETEDZ-2CLG20KV-3A Datasheet
519Kb / 2P
High Voltage Silicon Rectifier Assembly
2CLG3020 GETEDZ-2CLG3020 Datasheet
518Kb / 2P
High Voltage Silicon Rectifier Assembly
2CLG5020 GETEDZ-2CLG5020 Datasheet
517Kb / 2P
High Voltage Silicon Rectifier Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com