Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW005S500D Datasheet(PDF) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # AW005S500D
Description  High Voltage Silicon Rectifier Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

AW005S500D Datasheet(HTML) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

  AW005S500D Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD AW005S500D Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AW005S500D
0.5A 50kV --nS
High Voltage Silicon Rectifier Assembly
----------------------------------------------------------------------------------------------------------------------------- ------
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2021-01 2 / 2
Forward Current Derating Curve
125
100
Average
Forward
75
Current
--%
50
25
0
0
25
50
75
100
125
150
175
(℃) Temperature
Non-Repetitive Surge Current
100
75
Peak
Forward
Surge
50
Current
-%
25
0
1
10
100
Cycles (50Hz)
MARKING:
Type
Code
Cathode Mark
AW005S500D
AW005S500D
HVGT
MODEL NOTE:
Type
Chip
IF(AV)
Connecting end
VRRM
TRR
A
W
005
S
500
D
Assembly Series
Wafer Chip
0.5A
L=Lead
S=Screw Holes
50kV
(U)75ns
(G)100ns
(D) Standard Recovery Time



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com