Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK2210DFN22 Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FTK2210DFN22
Description  N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2210DFN22 Datasheet(HTML) 8 Page - First Silicon Co., Ltd

Back Button FTK2210DFN22 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 4Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 5Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 6Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 7Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 8Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 9Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 10Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 11Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Avalanche Test Circuit and Waveforms
DUT
0.01
tp
VDD
VDS
L
IL
RG
EAS
VDD
tAV
IAS
VDS
tp
VDSX(SUS)
Switching Time Test Circuit and Waveforms
VDD
RD
DUT
VGS
VDS
RG
tp
td(on) tr
td(off) tf
VGS
VDS
90%
10%
2018. 10. 19
8/11
Revision No : 0
FTK2210DFN22



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com