Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK2210DFN22 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK2210DFN22
Description  N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2210DFN22 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK2210DFN22 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 4Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 5Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 6Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 7Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 8Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (TA = 25℃ Unless Otherwise Noted)
Symbol
Parameter
Rating
Unit
Common Ratings
VDSS
Drain-Source Voltage
12
V
VGSS
Gate-Source Voltage
±8
TJ
Maximum Junction Temperature
150
℃
TSTG
Storage Temperature Range
-55 to 150
IS
Diode Continuous Forward Current
TA=25℃
1.2
A
ID
Continuous Drain Current
TA=25℃
12 a
A
TA=70℃
11.4
IDM b
Pulsed Drain Current
TA=25℃
36
A
PD c
Maximum Power Dissipation
TA=25℃
1.32
W
TA=70℃
0.8
RθJA c
Thermal Resistance-Junction to Ambient
t ≤10s
70
℃
/W
Steady State
95
℃
/W
IAS d
Avalanche Current, Single pulse
L=0.1mH
24
A
EAS d
Avalanche Energy, Single pulse
L=0.1mH
29
mJ
Note a Current limited by bonding wire.
Note b Pulse width limited by max. junction temperature.
Note c RθJA steady state t=999s.
Note d UIS tested and pulse width limited by maximum junction temperature 150℃ (initial temperature Tj=25℃)
2018. 10. 19
2/11
Revision No : 0
FTK2210DFN22



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com