Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS17501 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ATS17501
Description  Dual Output Differential Speed and Direction Sensor IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS17501 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ATS17501 Datasheet HTML 9Page - Allegro MicroSystems ATS17501 Datasheet HTML 10Page - Allegro MicroSystems ATS17501 Datasheet HTML 11Page - Allegro MicroSystems ATS17501 Datasheet HTML 12Page - Allegro MicroSystems ATS17501 Datasheet HTML 13Page - Allegro MicroSystems ATS17501 Datasheet HTML 14Page - Allegro MicroSystems ATS17501 Datasheet HTML 15Page - Allegro MicroSystems ATS17501 Datasheet HTML 16Page - Allegro MicroSystems ATS17501 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Dual Output Differential Speed and Direction Sensor IC
ATS17501
13
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FUNCTIONAL DESCRIPTION
General
The ATS17501 sensor module contains a single-chip, dual differ-
ential Hall-effect sensor IC, a rare-earth pellet, and a flat ferrous
pole piece (concentrator). As shown in Figure 6, the Hall-effect
sensor IC supports three Hall elements that sense the magnetic
profile of the ferrous gear target simultaneously but at different
points (each channel spaced at 1.75 mm pitch), generating two
differential internal signals processed for precise switching of the
digital output signals. Direction of rotation can be determined
based on the phase relationship of the two differential internal
signals. The ATS17501 is intended for use with ferromagnetic
targets.
The Hall-effect sensor IC is self-calibrating and possesses a tem-
perature-compensated amplifier as well as a full-range analog-
to-digital converter (ADC). This allows for accurate processing
of a wide range of target magnetic profile amplitudes and offsets.
The on-chip voltage regulator provides supply noise rejection
throughout the operating voltage range. Changes in temperature
do not greatly affect the ATS17501 due to the stable amplifier
design and full-range ADC. The Hall elements and signal pro-
cessing electronics are integrated on the same silicon substrate.
The ATS17501 is capable of providing digital information that
is representative of the mechanical features of a rotating target
gear. Figure 6 shows the automatic translation of the mechanical
profile to the digital output signal. No additional optimization is
needed, and minimum processing circuitry is required. This ease
of use reduces design time and incremental assembly costs for
most applications.
BOP
BRP
Device Orientation to Target
(Pin 4 Side)
(Pin 1 Side)
IC
Right Channel
Left Channel
Package Case
Branded Face
(Bottom View of
Package Case)
Channel
Element Pitch
Right Channel
Left Channel
Left Channel
Right Channel
Mechanical Position (Target moves past device pin 4 to pin 1)
Target
(Gear)
This tooth
sensed earlier
This tooth
sensed later
IC
F3
F2
F1
South Pole
North Pole
+B
Target
(Gear)
IC Internal Differential Signals, BDIFF
Target Magnetic Profile
Output Option: Speed Output Protocol
BOP
BRP
Figure 6: Magnetic Profile
Advance Information Datasheet
Subject to Change Without Notice
March 19, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com