Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS17501 Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # ATS17501
Description  Dual Output Differential Speed and Direction Sensor IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS17501 Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button ATS17501 Datasheet HTML 15Page - Allegro MicroSystems ATS17501 Datasheet HTML 16Page - Allegro MicroSystems ATS17501 Datasheet HTML 17Page - Allegro MicroSystems ATS17501 Datasheet HTML 18Page - Allegro MicroSystems ATS17501 Datasheet HTML 19Page - Allegro MicroSystems ATS17501 Datasheet HTML 20Page - Allegro MicroSystems ATS17501 Datasheet HTML 21Page - Allegro MicroSystems ATS17501 Datasheet HTML 22Page - Allegro MicroSystems ATS17501 Datasheet HTML 23Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Dual Output Differential Speed and Direction Sensor IC
ATS17501
21
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
The device must be operated below the maximum junction tem-
perature of the device (TJ(max)). Under certain combinations of
peak conditions, reliable operation may require derating supplied
power or improving the heat dissipation properties of the appli-
cation. This section presents a procedure for correlating factors
affecting operating TJ. (Thermal data is also available on the
Allegro MicroSystems website.)
The Package Thermal Resistance (RθJA) is a figure of merit sum-
marizing the ability of the application and the device to dissipate
heat from the junction (die), through all paths to the ambient air.
Its primary component is the Effective Thermal Conductivity (K)
of the printed circuit board, including adjacent devices and traces.
Radiation from the die through the device case (RθJC) is a rela-
tively small component of RθJA. Ambient air temperature (TA) and
air motion are significant external factors, damped by overmolding.
The effect of varying power levels (Power Dissipation or PD), can
be estimated. The following formulas represent the fundamental
relationships used to estimate TJ, at PD.
PD = VIN
× IIN
(1)
Δ
T = PD
× RθJA
(2)
TJ = TA + ΔT
(3)
For example, given common conditions such as: TA= 25°C,
VCC = 12 V, ICC(avg) = 8.5 mA, and RθJA = 126°C/W, then:
PD = VCC
× ICC(avg) = 12 V × 8.5 mA = 102 mW
Δ
T = PD
× RθJA = 102 mW × 126°C/W = 12.9°C
TJ = TA + ΔT = 25°C + 12.9°C = 37.9°C
A worst-case estimate, PD(max), represents the maximum allow-
able power level (VCC(max), ICC(max)), without exceeding TJ(max),
at a selected RθJA and TA.
For example, calculating reliability of VCC given observed worst-
case ratings, specifically:
TA = 160°C, RθJA=126°C/W, TJ(max) =175°C, VCC(max)= 24 V,
and ICC(max) = 15 mA.
Calculation of the maximum allowable power, PD(max), can be
done by first inverting equation 3 and calculating the maximum
allowable increase to TJ:
Δ
Tmax = TJ(max) – TA = 175°C–160°C = 15°C
Then, maximum allowable power can be calculated by:
PD(max) = ΔTmax÷RθJA =15°C÷126°C/W=119mW
Finally, invert equation 1 with respect to voltage:
VCC(est) = PD(max) ÷ ICC(max)= 119mW÷15mA=7.9 V
The results indicate that, at TA, the application and ATS17501 can
dissipate adequate amounts of heat at voltages less than or equal
to VCC(est).
Compare VCC(est) to VCC(max). If VCC(est) ≤ VCC(max), then reli-
able operation between VCC(est) and VCC(max) requires enhanced
RθJA. If VCC(est) ≥ VCC(max), then operation between VCC(est) and
VCC(max) is reliable under these conditions.
POWER DERATING
Advance Information Datasheet
Subject to Change Without Notice
March 19, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com