Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA6M2 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # RA6M2
Description  Armv7E-M architecture with DSP instruction set
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA6M2 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button RA6M2 Datasheet HTML 20Page - Renesas Technology Corp RA6M2 Datasheet HTML 21Page - Renesas Technology Corp RA6M2 Datasheet HTML 22Page - Renesas Technology Corp RA6M2 Datasheet HTML 23Page - Renesas Technology Corp RA6M2 Datasheet HTML 24Page - Renesas Technology Corp RA6M2 Datasheet HTML 25Page - Renesas Technology Corp RA6M2 Datasheet HTML 26Page - Renesas Technology Corp RA6M2 Datasheet HTML 27Page - Renesas Technology Corp RA6M2 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
R01DS0357EJ0100 Rev.1.00
Page 24 of 100
Oct 8, 2019
RA6M2 Group
2. Electrical Characteristics
2.
Electrical Characteristics
Unless otherwise specified, the electrical characteristics of the MCU are defined under the following conditions:
 VCC = AVCC0 = VCC_USB = VBATT = 2.7 to 3.6 V
 2.7 ≤ VREFH0/VREFH ≤ AVCC0
 VSS = AVSS0 = VREFL0/VREFL = VSS_USB = 0 V
 Ta = Topr.
Figure 2.1 shows the timing conditions.
Figure 2.1
Input or output timing measurement conditions
The recommended measurement conditions for the timing specification of each peripheral provided are for the best
peripheral operation. Make sure to adjust the driving abilities of each pin to meet your conditions.
2.1
Absolute Maximum Ratings
Caution:
Permanent damage to the MCU might result if absolute maximum ratings are exceeded.
Note 1.
Ports P205, P206, P400, P401, P407 to P415, P511, P512, and P708 to P713 are 5 V tolerant.
Note 2.
Connect AVCC0 and VCC_USB to VCC.
Note 3.
See section 2.2.1, Tj/Ta Definition.
Note 4.
Contact a Renesas Electronics sales office for information on derating operation when Ta = +85°C to +105°C. Derating is the
systematic reduction of load for improved reliability.
Note 5.
The upper limit of operating temperature is 85°C or 105°C, depending on the product. For details, see section 1.3, Part
Numbering.
Table 2.1
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Power supply voltage
VCC, VCC_USB *2
-0.3 to +4.0
V
VBATT power supply voltage
VBATT
-0.3 to +4.0
V
Input voltage (except for 5 V-tolerant ports*1)Vin
-0.3 to VCC + 0.3
V
Input voltage (5 V-tolerant ports*1)Vin
-0.3 to + VCC + 4.0 (max. 5.8)
V
Reference power supply voltage
VREFH/VREFH0
-0.3 to AVCC0 + 0.3
V
Analog power supply voltage
AVCC0 *2
-0.3 to +4.0
V
Analog input voltage
VAN
-0.3 to AVCC0 + 0.3
V
Operating temperature*3, *4, *5
Topr
-40 to +85
-40 to +105
°C
Storage temperature
Tstg
-55 to +125
°C
For example P100
C
VOH = VCC × 0.7, VOL = VCC × 0.3
VIH = VCC × 0.7, VIL = VCC × 0.3
Load capacitance C = 30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com