Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX110 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # RX110
Description  32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX110 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button RX110 Datasheet HTML 56Page - Renesas Technology Corp RX110 Datasheet HTML 57Page - Renesas Technology Corp RX110 Datasheet HTML 58Page - Renesas Technology Corp RX110 Datasheet HTML 59Page - Renesas Technology Corp RX110 Datasheet HTML 60Page - Renesas Technology Corp RX110 Datasheet HTML 61Page - Renesas Technology Corp RX110 Datasheet HTML 62Page - Renesas Technology Corp RX110 Datasheet HTML 63Page - Renesas Technology Corp RX110 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 60 of 108
Jul 29, 2016
RX110 Group
5. Electrical Characteristics
Figure 5.13
VOL and IOL Temperature Characteristics of RIIC Output Pin at VCC = 3.3 V (Reference
Data)
0
5
10
15
20
25
30
35
40
45
50
00.5
11.5
22.5
33.5
4
VOL [V]
IOL vs VOL
Ta = –40°C
Ta = 25°C
Ta = 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com