Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX110 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # RX110
Description  32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX110 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button RX110 Datasheet HTML 20Page - Renesas Technology Corp RX110 Datasheet HTML 21Page - Renesas Technology Corp RX110 Datasheet HTML 22Page - Renesas Technology Corp RX110 Datasheet HTML 23Page - Renesas Technology Corp RX110 Datasheet HTML 24Page - Renesas Technology Corp RX110 Datasheet HTML 25Page - Renesas Technology Corp RX110 Datasheet HTML 26Page - Renesas Technology Corp RX110 Datasheet HTML 27Page - Renesas Technology Corp RX110 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 24 of 108
Jul 29, 2016
RX110 Group
1. Overview
Note 1. The power source of the I/O buffer for these pins is AVCC0.
Table 1.8
List of Pins and Pin Functions (40-Pin HWQFN)
Pin
No.
Power Supply, Clock,
System Control
I/O Port
Timers (MTU, RTC)
Communication
(SCIe, SCIf, RSPI, RIIC)
Others
1
P27
MTIOC2B
SCK1/SCK12
IRQ3/CMPA2/
CACREF/ADTRG0#
2
P26
MTIOC2A
TXD1/SMOSI1/SSDA1
3MD
FINED
4RES#
5P35
NMI
6XTAL
7EXTAL
8VCL
9VSS
10
VCC
11
P32
MTIOC0C
IRQ2
12
P17
MTIOC0C
SCK1/MISOA/SDA0/RXD12/RXDX12/
SMISO12/SSCL12
IRQ7
13
P16
TXD1/SMOSI1/SSDA1/SCL0/MOSIA
IRQ6/ADTRG0#
14
P15
MTIOC0B/MTCLKB
RXD1/SMISO1/SSCL1/RSPCKA
IRQ5/CLKOUT
15
P14
MTIOC0A/MTCLKA
CTS1#/RTS1#/SS1#/SSLA0/TXD12/
TXDX12/SIOX12/SMOSI12/SSDA12
IRQ4
16
PH3
MTIOC1A
17
PH2
IRQ1
18
PH1
IRQ0
19
PH0
MTIOC1B
CACREF
20
PC4
MTCLKC
SCK5/SSLA0
IRQ2/CLKOUT
21
PB3
MTIOC0A
22
VCC
23
PB0
MTIOC0C/MTIC5W
SCL0/RSPCKA
IRQ2/ADTRG0#
24
VSS
25
PA6
MTIOC2A/MTIC5V/MTCLKB
CTS5#/RTS5#/SS5#/SDA0/MOSIA
IRQ3
26
PA4
MTIOC2B/MTIC5U/MTCLKA
TXD5/SMOSI5/SSDA5/SSLA0
IRQ5
27
PA3
MTIOC0D/MTIOC1B/
MTCLKD
RXD5/SMISO5/SSCL5/MISOA
IRQ6
28
PA1
MTIOC0B/MTCLKC
SCK5/SSLA2
29
PE4
MTIOC1A
MOSIA
IRQ4/AN012
30
PE3
MTIOC0A/MTIOC1B
CTS12#/RTS12#/SS12#/RSPCKA
IRQ3/AN011
31
PE2
RXD12/RXDX12/SMISO12/SSCL12
IRQ7/AN010
32
PE1
TXD12/TXDX12/SIOX12/SMOSI12/
SSDA12
IRQ1/AN009
33
PE0
MTIOC2A
SCK12
IRQ0/AN008
34
P46*1
AN006
35
P42*1
AN002
36
P41*1
AN001
37
VREFL0
PJ7*1
38
VREFH0
PJ6*1
39
AVSS0
40
AVCC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com