Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSE28MWH2 Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # MSE28MWH2
Description  2100-5800 Hz Typical
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

MSE28MWH2 Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  MSE28MWH2 Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
Medium
20 to 28 VDC
Specifications:
MSE28MWH2
C
Mallory Sonalert Products,Inc.
Sales Outline Drawing
Voltage Rating
Sound Level Category
Mode of Operation
Whooping Sweep 2.1 - 5.8 kHz @ 1 Sweeps per Sec.
50mA MAX
-40° to +65° C
-40° to +80° C
Valox (UL94V-0), Color: Black
Options
Storage Temperature
Housing Material
2100-5800 Hz Typical
Frequency
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
ROHS Compliant
4.0g
Please contact factory.
Weight (Typical)
Dimensions: Inches (mm)
Loudness @ 1 FT
Current Draw
Operating Temperature
75 to 85 dB(A) Typ.


Similar Part No. - MSE28MWH2

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSE28MWH2S MSPI-MSE28MWH2S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
More results

Similar Description - MSE28MWH2

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PCA0174A-LF ZCOMM-PCA0174A-LF Datasheet
65Kb / 2P
PHASE NOISE (1 Hz BW, typical)
PCA1292B-LF ZCOMM-PCA1292B-LF Datasheet
75Kb / 2P
PHASE NOISE (1 Hz BW, typical)
PCA1550B-LF ZCOMM-PCA1550B-LF Datasheet
75Kb / 2P
PHASE NOISE (1 Hz BW, typical)
PSA2444A ZCOMM-PSA2444A Datasheet
86Kb / 2P
PHASE NOISE (1 Hz BW, typical)
logo
Mallory Sonalert Produc...
MSE14LTT3S MSPI-MSE14LTT3S Datasheet
48Kb / 1P
3000-3700 Hz Typical
MSE14LWH1S MSPI-MSE14LWH1S Datasheet
48Kb / 1P
2100-5800 Hz Typical
MSE14LWH2 MSPI-MSE14LWH2 Datasheet
43Kb / 1P
2100-5800 Hz Typical
MSE14MCH2 MSPI-MSE14MCH2 Datasheet
43Kb / 1P
4500-3200 Hz Typical
MSE14MCH2S MSPI-MSE14MCH2S Datasheet
48Kb / 1P
4500-3200 Hz Typical
logo
List of Unclassifed Man...
RM-5800 ETC2-RM-5800 Datasheet
316Kb / 12P
Doodle Labs Smart Radio – RM-5800
August 12, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com