Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F52105BDFN Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F52105BDFN
Description  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52105BDFN Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F52105BDFN Datasheet HTML 3Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 4Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 5Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 6Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 7Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 8Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 9Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 10Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 223 page
background image
R01DS0041EJ0150 Rev.1.50
Page 7 of 221
Oct 18, 2013
RX210 Group
1. Overview
Table 1.2
Comparison of Functions for Different Packages
Module/Functions
RX210 Group
144, 145 Pins
100 Pins
80 Pins
64, 69 Pins
48 Pins
External bus
External bus width
16 bits
Not supported
Interrupt
External interrupts
NMI, IRQ0 to IRQ7
NMI, IRQ0 to
IRQ2, IRQ4 to
IRQ7
NMI, IRQ0,
IRQ1, IRQ4 to
IRQ7
DMA
DMA controller
4 channels (DMAC0 to DMAC3)
Data transfer controller
Supported
Timers
16-bit timer pulse unit
6 channels
(TPU0 to
TPU5)
Not supported
Multi-function timer pulse unit 2
6 channels (MTU0 to MTU5)
Port output enable 2
POE0# to POE3#, POE8#
8-bit timer
2 channels × 2 units
Compare match timer
2 channels × 2 units
Realtime clock
Supported
Not supported
Watchdog timer
Supported
Independent watchdog timer
Supported
Communication
functions
Serial communications interface
(SCIc)
12 channels
(SCI0 to 11)
6 channels
(SCI0, 1, 5, 6, 8, 9)
5 channels
(SCI1, 5, 6, 8, 9)
4 channels
(SCI1, 5, 6, 8)
Serial communications interface
(SCId)
1 channel (SCI12)
I2C bus interface
1 channel
Serial peripheral interface
1 channel
12-bit A/D converter
16 channels
(AN000 to AN015)
14 channels
(AN000 to
AN013)
12 channels
(AN000 to
AN004, AN006,
AN008 to
AN013)
8 channels
(AN000 to
AN002,
AN006,
AN009 to
AN012)
Temperature sensor
Supported
D/A converter
2 channels
Not supported
CRC calculator
Supported
Event link controller
Supported
Comparator A
2 channels
Comparator B
2 channels
Packages
145-pin TFLGA
144-pin LQFP
100-pin TFLGA
100-pin LQFP
80-pin LQFP
69-pin WLBGA
64-pin TFLGA
64-pin LQFP
48-pin LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com