Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F52105BDFN Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R5F52105BDFN
Description  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52105BDFN Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R5F52105BDFN Datasheet HTML 10Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 11Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 12Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 13Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 14Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 15Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 16Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 17Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 223 page
background image
R01DS0041EJ0150 Rev.1.50
Page 14 of 221
Oct 18, 2013
RX210 Group
1. Overview
1.4
Pin Functions
Table 1.8 lists the pin functions.
Table 1.8
Pin Functions (1 / 4)
Classifications
Pin Name
I/O
Description
Power supply
VCC
Input
Power supply pin. Connect it to the system power supply.
VCL
—
Connect this pin to the VSS pin via the 0.1
μF smoothing capacitor
used to stabilize the internal power supply. Place the capacitor close
to the pin.
VSS
Input
Ground pin. Connect it to the system power supply (0 V).
Clock
XTAL
Output
Pins for connecting a crystal resonator. An external clock signal can
be input through the EXTAL pin.
EXTAL
Input
BCLK
Output
Outputs the external bus clock for external devices.
XCIN
Input
Input/output pins for the sub-clock oscillator. Connect a crystal
resonator between XCIN and XCOUT.
XCOUT
Output
Operating mode
control
MD
Input
Pin for setting the operating mode. The signal levels on this pin
must not be changed during operation.
System control
RES#
Input
Reset pin. This LSI enters the reset state when this signal goes low.
CAC
CACREF
Input
Input pin for the clock frequency accuracy measurement circuit.
On-chip emulator
FINED
I/O
FINE interface pin.
Address bus
A0 to A23
Output
Output pins for the address.
Data bus
D0 to D15
I/O
Input and output pins for the bidirectional data bus.
Multiplexed bus
A0/D0 to A15/D15
I/O
Address/data multiplexed bus
Bus control
RD#
Output
Strobe signal which indicates that reading from the external bus
interface space is in progress.
WR#
Output
Strobe signal which indicates that writing to the external bus
interface space is in progress, in single-write strobe mode.
WR0#, WR1#
Output
Strobe signals which indicate that either group of data bus pins (D7
to D0, and D15 to D8) is valid in writing to the external bus interface
space, in byte strobe mode.
BC0#, BC1#
Output
Strobe signals which indicate that either group of data bus pins (D7
to D0 and D15 to D8) is valid in access to the external bus interface
space, in single-write strobe mode.
CS0# to CS3#
Output
Select signals for areas 0 to 3.
WAIT#
Input
Input pin for wait request signals in access to the external space.
ALE
Output
Address latch signal when address/data multiplexed bus is
selected.
Interrupt
NMI
Input
Non-maskable interrupt request pin.
IRQ0 to IRQ7
Input
Interrupt request pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com