Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPZA65R029CFD7 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPZA65R029CFD7
Description  650V CoolMOS짧 CFD7 SJ Power Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPZA65R029CFD7 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPZA65R029CFD7 Datasheet HTML 1Page - Infineon Technologies AG IPZA65R029CFD7 Datasheet HTML 2Page - Infineon Technologies AG IPZA65R029CFD7 Datasheet HTML 3Page - Infineon Technologies AG IPZA65R029CFD7 Datasheet HTML 4Page - Infineon Technologies AG IPZA65R029CFD7 Datasheet HTML 5Page - Infineon Technologies AG IPZA65R029CFD7 Datasheet HTML 6Page - Infineon Technologies AG IPZA65R029CFD7 Datasheet HTML 7Page - Infineon Technologies AG IPZA65R029CFD7 Datasheet HTML 8Page - Infineon Technologies AG IPZA65R029CFD7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
650VCoolMOSªCFD7SJPowerDevice
IPZA65R029CFD7
Rev.2.1,2020-08-12
Final Data Sheet
2Thermalcharacteristics
Table3Thermalcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - case
RthJC
-
-
0.41
°C/W -
Thermal resistance, junction - ambient
RthJA
-
-
62
°C/W leaded
Thermal resistance, junction - ambient
for SMD version
RthJA
-
-
-
°C/W n.a.
Soldering temperature, wavesoldering
only allowed at leads
Tsold
-
-
260
°C
1.6mm (0.063 in.) from case for 10s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com