Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPZA65R029CFD7 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # IPZA65R029CFD7
Description  650V CoolMOS짧 CFD7 SJ Power Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPZA65R029CFD7 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button IPZA65R029CFD7 Datasheet HTML 6Page - Infineon Technologies AG IPZA65R029CFD7 Datasheet HTML 7Page - Infineon Technologies AG IPZA65R029CFD7 Datasheet HTML 8Page - Infineon Technologies AG IPZA65R029CFD7 Datasheet HTML 9Page - Infineon Technologies AG IPZA65R029CFD7 Datasheet HTML 10Page - Infineon Technologies AG IPZA65R029CFD7 Datasheet HTML 11Page - Infineon Technologies AG IPZA65R029CFD7 Datasheet HTML 12Page - Infineon Technologies AG IPZA65R029CFD7 Datasheet HTML 13Page - Infineon Technologies AG IPZA65R029CFD7 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
650VCoolMOSªCFD7SJPowerDevice
IPZA65R029CFD7
Rev.2.1,2020-08-12
Final Data Sheet
6PackageOutlines
DIMENSIONS
MIN.
MAX.
A2
L
b
D
c
b2
E
e1
L1
Q
øP2
D1
A
A1
2.10
1.90
5.08
19.80
-
20.90
0.58
0.65
15.70
5.60
2.40
16.25
20.10
0.79
0.66
0.20
21.10
6.00
2.60
4.30
15.90
16.85
MILLIMETERS
4.90
2.31
5.10
2.51
b1
1.10
1.30
b3
SCALE
Z8B00184785
REVISION
ISSUE DATE
EUROPEAN PROJECTION
03
21.08.2017
0
5
DOCUMENT NO.
2:1
A3
0.25
0.05
D2
1.05
1.35
D3
24.97
25.27
10mm
E1
13.10
13.50
E2
2.40
2.60
-
øP1
7.00
7.40
øP
3.50
3.70
S
6.15
T
9.80
10.20
U
6.00
6.40
1.34
1.44
e2
2.79
e3
2.54
D4
4.90
5.10
Figure1OutlinePG-TO247-4-3,dimensionsinmm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com