Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10T03QLH Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # C10T03QLH
Description  Schottky Barrier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

C10T03QLH Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  C10T03QLH Datasheet HTML 1Page - Nihon Inter Electronics Corporation C10T03QLH Datasheet HTML 2Page - Nihon Inter Electronics Corporation C10T03QLH Datasheet HTML 3Page - Nihon Inter Electronics Corporation C10T03QLH Datasheet HTML 4Page - Nihon Inter Electronics Corporation C10T03QLH Datasheet HTML 5Page - Nihon Inter Electronics Corporation C10T03QLH Datasheet HTML 6Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SBD
SBD
SBD
SBD Type : C10T03QLH
C10T03QLH
C10T03QLH
C10T03QLH
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight: 1.4g
Rating
Symbol
C10T03QLH
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Repetitive Peak Surge Reverse Voltage
VRRSM
35(pulse width
≤ 1µs
duty
≤ 1/50)
V
Average Rectified Output Current
IO
10
Tc=129
°C
50 Hz Full Sine Wave
Resistive Load
A
RMS Forward Current
IF(RMS)
11.1
A
Surge Forward Current
IFSM
120
50Hz Full Sine Wave ,1cycle
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +150
°C
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
per arm
-
-
1
mA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 5 A
per arm
-
-
0.57
V
Thermal Resistance
Rth(j-c) Junction to Case
-
-
3
°C /W
FEATURES
FEATURES
FEATURES
FEATURES
*SQUARE-PAK TO-263AB(SMD)
Packaged in 24mm Tape and Reel
*Dual Diodes – Cathode Common
*Low Forward Voltage Drop
*High Surge Capability
*Tj=150
°C operation


Similar Part No. - C10T03QLH

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
C10T03QLH NI-C10T03QLH Datasheet
138Kb / 1P
SBD
logo
Nihon Inter Electronics...
C10T03QLH-11A NIEC-C10T03QLH-11A Datasheet
54Kb / 6P
Schottky Barrier Diode
logo
National Instruments Co...
C10T03QLH-11A NI-C10T03QLH-11A_15 Datasheet
139Kb / 1P
SBD
C10T03QLH-11A_2015 NI-C10T03QLH-11A_2015 Datasheet
139Kb / 1P
SBD
C10T03QLH NI-C10T03QLH_15 Datasheet
138Kb / 1P
SBD
More results

Similar Description - C10T03QLH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com