Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5045IC-R050 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE5045IC-R050
Description  High End GMR Wheel Speed Sensor, ASIL B(D)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5045IC-R050 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE5045IC-R050 Datasheet HTML 1Page - Infineon Technologies AG TLE5045IC-R050 Datasheet HTML 2Page - Infineon Technologies AG TLE5045IC-R050 Datasheet HTML 3Page - Infineon Technologies AG TLE5045IC-R050 Datasheet HTML 4Page - Infineon Technologies AG TLE5045IC-R050 Datasheet HTML 5Page - Infineon Technologies AG TLE5045IC-R050 Datasheet HTML 6Page - Infineon Technologies AG TLE5045IC-R050 Datasheet HTML 7Page - Infineon Technologies AG TLE5045IC-R050 Datasheet HTML 8Page - Infineon Technologies AG TLE5045IC-R050 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Functional Parameters
The magnetic input is assumed sinusoidal with constant amplitude and offset. The typical values shown below
are valid for VDD = 12 V and TA = 25°C. For a more detailed specification please refer to our product datasheets
which are available on request.
Table 4
Parameter
Symbol Min.
Typ.
Max.
Unit Note / Test Condition
Period jitter
Sjit
-
±0.02
%
± 1 σ value
Duty cycle
DC
40
-
60
%
in calibrated mode
Supply current during static
output low state
Ilow
5.95
7
8.05
mA
Supply current during static
output high state
Ihigh
11.9
14
16.1
mA
Current level for indicating
errors
IError
1
3.5
3.8
mA
Output current slew rate
SRr, SRf
11
-
28
mA/
μs
SRr = (I90% - I10%) / tr
SRf = (I90% - I10%) / tf
Switch-off voltage
Vreset
3.5
V
direct on sensor pins
Supply voltage hysteresis
VHys
1.5
1.7
V
TLE5045iC-R100
Supply voltage hysteresis
VHys
0.65
0.75
V
TLE5045iC-R050
TLE5045iC
Technical product description
1 Product Characteristics
Technical Product Description
5
Revision 1.0
2018-11-06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com