Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5045IC-R050 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE5045IC-R050
Description  High End GMR Wheel Speed Sensor, ASIL B(D)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5045IC-R050 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE5045IC-R050 Datasheet HTML 4Page - Infineon Technologies AG TLE5045IC-R050 Datasheet HTML 5Page - Infineon Technologies AG TLE5045IC-R050 Datasheet HTML 6Page - Infineon Technologies AG TLE5045IC-R050 Datasheet HTML 7Page - Infineon Technologies AG TLE5045IC-R050 Datasheet HTML 8Page - Infineon Technologies AG TLE5045IC-R050 Datasheet HTML 9Page - Infineon Technologies AG TLE5045IC-R050 Datasheet HTML 10Page - Infineon Technologies AG TLE5045IC-R050 Datasheet HTML 11Page - Infineon Technologies AG TLE5045IC-R050 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Additionally component level EMC characterizations are performed according to ISO 7637-2:2011, ISO
7637-3:2007 and ISO 16750-2:2010 regarding pulse immunity, and CISPR 25 (2009-01) Ed. 3.0 regarding
conducted emissions.
6
ESD HBM Model
Table 5
Parameter
Symbol Min.
Typ.
Max.
Unit
Note / Test Condition
ESD Voltage
VHBM
-
-
±12
kV
Method AEC-Q100 Rev H (1.5 kΩ,
100 pF)
7
Product Qualification
Product qualification according to AEC-Q100 Grade 0 is performed.
8
Pin Configuration
Table 6
Pin No.
Symbol
Function
1
VDD
Supply voltage
2
GND
Ground
Figure 4
Pin configuration
TLE5045iC
Technical product description
6 ESD HBM Model
Technical Product Description
8
Revision 1.0
2018-11-06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com