Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFK1A152S Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUFK1A152S
Description  Aluminum Electrolytic Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFK1A152S Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUFK1A152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Aluminum Electrolytic Capacitors (Radial Lead Type)
0.036
0.036
0.025
0.018
18 × 15
18 × 20
18 × 25
0.072
16 × 25
0.019
0.038
2760
12.5 × 40
0.014
0.028
3010
16 × 15
0.038
0.076
1800
16 × 20
0.026
0.052
2330
12.5 × 25
0.022
0.044
2280
12.5 × 30
0.018
0.036
2720
12.5 × 35
0.016
0.032
2940
10 × 30
0.025
0.050
2140
12.5 × 15
0.048
0.096
1400
12.5 × 20
0.029
0.058
1890
1240
10 × 20
0.035
0.070
1490
1680
8 × 15
0.062
0.124
860
8 × 20
0.044
0.088
1220
10 × 12.5
0.063
0.126
900
10 × 16
0.049
0.098
-10 ℃
8 × 11.5
0.090
0.180
10 × 25
0.033
0.066
FK series
Should a safety concern arise regarding this product, please be sure to contact us immediately.
20-Dec-19
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Case size/ Impedance/ Ripple current
2060
2640
2850
0.050
Ripple current
(mA rms) (100 kHz)
+105 ℃
630
Casecsize (mm)
(øD×L)
Impedance
(Ω) (100 kHz)
+20 ℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com