Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFK1A152S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUFK1A152S
Description  Aluminum Electrolytic Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFK1A152S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUFK1A152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Aluminum Electrolytic Capacitors
Radial Lead Type
● Endurance : 105 ℃ 3000 h to 5000 h
● Low impedance (10 % to 30 % less than FC Series)
● Miniaturization (30 % to 40 % less than FC Series)
● AEC-Q200 compliant
● RoHS compliant
Duration
Unit:mm
3.5
12.5 to 25
30 to 40
―
―
―
F
8.0
7.5
0.8
7.5
0.8
5.0
0.6
5.0
0.6
5.0
ød
12.5
øD
L
10.0
0.70
0.85
0.95
16
0.16
10
0.19
6.3
1.00
Within ±20 % of the initial value
0.12
Freq.(Hz)
After following life test with DC voltage and +105 ℃±2 ℃ ripple current value applied
DC leakage current
Within the initial limit
Rated voltage(V)
Dissipation factor(tan δ)
For capacitance value ≧ 1000 μF , add 0.02 per every 1000 μF.
(The sum of DC and ripple peak voltage shall not exceed the rated working voltage)when the
ø8 : 3000 h, ø10 : 4000 h, ø12.5 to ø18 : 5000 h
stabilized at +20 °C, capacitors shall meet the limits specified in endurance.
0.22
(120 Hz /+20℃)
Dissipation factor(tan δ)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
20-Dec-19
Dimensions
Shelf life
After storage for 1000 h at +105 ℃±2 ℃ with no voltage applied and then being
(With voltage treatment)
180 to 330
Cap.(μF)
60
120
1 k
10 k
100 k
0.60
0.65
0.75
―
16.0
18.0
0.8
0.6
0.75
Specifications
Capacitance range
180 μF to 12000 μF
Category temp. range
Dissipation factor(tan δ)
≦ 200 % of the initial limit
–55 ℃ to +105 ℃
6.3 V to 35 V
Capacitance change
This Series is no longer available for
purchase in the country of Japan.
1.00
1.00
390 to 1000
1200 to 12000
0.90
0.98
1.00
FK series A type
I ≦ 0.01 CV (μA) After 2 minutes
Rated voltage range
Capacitance tolerance
±20 % (120 Hz / +20℃)
Leakage current
35
25
0.14
Features
Frequency correction factor for ripple current
Endurance
0.80
0.95
capacitors are restored to 20 ℃, the capacitors shall meet the limits specified bellow.
Pressure relief
14min.
L*
* L ≦ 16:L±1.5
L ≧ 20:L±2.0
Sleeve
3min.
øD±0.5
øD±0.5
ø8
ø10 ≦


Similar Part No. - EEUFK1A152S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFK1A152S PANASONIC-EEUFK1A152S Datasheet
263Kb / 5P
Aluminum Electrolytic Capacitors/ FK
EEUFK1A152S PANASONIC-EEUFK1A152S Datasheet
89Kb / 5P
Aluminum Electrolytic Capacitors
More results

Similar Description - EEUFK1A152S

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com