Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-355VC Datasheet(PDF) 50 Page - STMicroelectronics

Part # BLUENRG-355VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355VC Datasheet(HTML) 50 Page - STMicroelectronics

Back Button BLUENRG-355VC Datasheet HTML 46Page - STMicroelectronics BLUENRG-355VC Datasheet HTML 47Page - STMicroelectronics BLUENRG-355VC Datasheet HTML 48Page - STMicroelectronics BLUENRG-355VC Datasheet HTML 49Page - STMicroelectronics BLUENRG-355VC Datasheet HTML 50Page - STMicroelectronics BLUENRG-355VC Datasheet HTML 51Page - STMicroelectronics BLUENRG-355VC Datasheet HTML 52Page - STMicroelectronics BLUENRG-355VC Datasheet HTML 53Page - STMicroelectronics BLUENRG-355VC Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
Figure 16. Recommended RSTN pin protection
Note:
The external reset circuit protects the device against parasitic resets.
The user must ensure that the level on the RSTN pin can go below the VIL(RSTN) max. level specified in the
table, otherwise the reset is not taken into account by the device. The external capacitor on RSTN must be
placed as close as possible to the device.
5.3.18
ADC characteristics
Table 37. ADC characteristics (HSI must be set to PLL mode)
Symbol
Parameter
Test conditions
Min. Typ. Max.
Units
Ch_diff_num
Number of channels for
differential mode
QFN48, WLCSP49
4
Ch_se_num
Number of channels for single
ended mode
QFN48, WLCSP49
8
IBATADCBIAS
ADC biasing consumption at
battery
Biasing blocks turned on
145
mA
IBATADCACTIVE
ADC active consumption at
battery
ADC activated in differential mode
185
mA
VDDA
Analog supply voltage
1.2
1.32
V
RAIN
Input impedance
In DC
250
kΩ
Rin
Internal access resistance
VBOOST is enabled for VDD < 2.7 V
550
Ω
Cin
Input sampling capacitor
4
pF
Ts
Sampling period
1
µs
Tsw
Sampling time
125
ns
DR
Output data rate
200
k samples/s
FRMToutput
Output data format
16
bits
TL
Latency time
200 kSps
5
µs
TSTARTUP
Start-up time
From ADC enable to conversion start
1
µs
DNL
Differential non-linearity
±0.7
LSB
BlueNRG-LP
Operating conditions
DS13282 - Rev 2
page 50/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com