Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-355VC Datasheet(PDF) 71 Page - STMicroelectronics

Part # BLUENRG-355VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355VC Datasheet(HTML) 71 Page - STMicroelectronics

Back Button BLUENRG-355VC Datasheet HTML 64Page - STMicroelectronics BLUENRG-355VC Datasheet HTML 65Page - STMicroelectronics BLUENRG-355VC Datasheet HTML 66Page - STMicroelectronics BLUENRG-355VC Datasheet HTML 67Page - STMicroelectronics BLUENRG-355VC Datasheet HTML 68Page - STMicroelectronics BLUENRG-355VC Datasheet HTML 69Page - STMicroelectronics BLUENRG-355VC Datasheet HTML 70Page - STMicroelectronics BLUENRG-355VC Datasheet HTML 71Page - STMicroelectronics BLUENRG-355VC Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 71 / 72 page
background image
List of figures
Figure 1.
The BlueNRG-LP block diagram ........................................................ 4
Figure 2.
Bus matrix ....................................................................... 6
Figure 3.
BlueNRG-LP RF block diagram ........................................................ 9
Figure 4.
Power supply configuration .......................................................... 10
Figure 5.
Power supply domain overview........................................................ 11
Figure 6.
Clock tree ...................................................................... 15
Figure 7.
Pinout top view (QFN48 package) ...................................................... 22
Figure 8.
Pinout top view (QFN32 package) ...................................................... 23
Figure 9.
Pinout top view (WLCSP49 package) ................................................... 24
Figure 10.
Memory map .................................................................... 30
Figure 11.
Application circuit: DC-DC converter, QFN48 package ........................................ 31
Figure 12.
Application circuit: DC-DC converter, WCSP49 package ...................................... 32
Figure 13.
Application circuit: DC-DC converter, QFN32 package ........................................ 32
Figure 14.
Pin loading conditions .............................................................. 34
Figure 15.
Pin input voltage .................................................................. 35
Figure 16.
Recommended RSTN pin protection .................................................... 50
Figure 17.
SPI timing diagram - slave mode and CPHA = 0 ............................................ 54
Figure 18.
SPI timing diagram - slave mode and CPHA = 1 ............................................ 54
Figure 19.
SPI timing diagram - master mode ..................................................... 55
Figure 20.
QFN48 (6x6x0.9, pitch 0.4 mm) package outline ............................................ 56
Figure 21.
QFN48 (6x6x0.9, pitch 0.4 mm) detail A package information ................................... 57
Figure 22.
QFN48 (6x6x0.9, pitch 0.4 mm) recommended footprint....................................... 58
Figure 23.
QFN32 (5x5x0.9, pitch 0.5 mm) package outline ............................................ 59
Figure 24.
Detail A ........................................................................ 60
Figure 25.
QFN32 (5x5x0.9, pitch 0.5 mm) package information recommended footprint ........................ 61
Figure 26.
WLCSP49 (3.14x3.14x0.4, pitch 0.4 mm) package outline (bumps view) ........................... 62
Figure 27.
WLCSP49 (3.14x3.14x0.4, pitch 0.4 mm) recommended footprint ................................ 63
Figure 28.
Ordering information ............................................................... 65
BlueNRG-LP
List of figures
DS13282 - Rev 2
page 71/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com